Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

845GL Datasheet(PDF) 21 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 21 Page - Intel Corporation

Back Button 845GL Datasheet HTML 17Page - Intel Corporation 845GL Datasheet HTML 18Page - Intel Corporation 845GL Datasheet HTML 19Page - Intel Corporation 845GL Datasheet HTML 20Page - Intel Corporation 845GL Datasheet HTML 21Page - Intel Corporation 845GL Datasheet HTML 22Page - Intel Corporation 845GL Datasheet HTML 23Page - Intel Corporation 845GL Datasheet HTML 24Page - Intel Corporation 845GL Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
21
Signal Description
Signal Description
2
This section provides a detailed description of GMCH signals. The signals are arranged in
functional groups according to their associated interface.
The “#” symbol at the end of a signal name indicates that the active, or asserted state occurs when
the signal is at a low voltage level. When “#” is not present after the signal name the signal is
asserted when at the high voltage level.
The following notations are used to describe the signal type:
I
Input pin
O
Output pin
I/O
Bi-Directional Input/Output pin
s/t/s
Sustained Tri-State. This pin is driven to its inactive state prior to tri-stating.
The signal description also includes the type of buffer used for the particular signal:
AGTL+
Open Drain AGTL+ interface signal. The GMCH integrates AGTL+ termination
resistors, and supports Vtt of from 1.15 V to 1.75 V
AGP
AGP interface signals. These signals are compatible with the Accelerated
Graphics Port Interface Specification, Revision 2.0 1.5 V Signaling Environment
DC and AC Specifications. The buffers are not 3.3 V tolerant.
LVTTL
Low Voltage TTL 3.3 V compatible signals
SSTL_2
Stub Series Terminated Logic 2.5 V compatible signals.
CMOS
CMOS buffers.
Host Interface signals that perform multiple transfers per clock cycle may be marked as either
“4X” (for signals that are “quad-pumped”) or 2X (for signals that are “double-pumped”).
Note that processor address and data bus signals are logically inverted signals. In other words, the
actual values are inverted of what appears on the processor bus. This must be taken into account
and the addresses and data bus signals must be inverted inside the GMCH host bridge. All
processor control signals follow normal convention. A 0 indicates an active level (low voltage) if
the signal is followed by # symbol and a 1 indicates an active level (high voltage) if the signal has
no # suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com