Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

845GL Datasheet(PDF) 72 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 72 Page - Intel Corporation

Back Button 845GL Datasheet HTML 68Page - Intel Corporation 845GL Datasheet HTML 69Page - Intel Corporation 845GL Datasheet HTML 70Page - Intel Corporation 845GL Datasheet HTML 71Page - Intel Corporation 845GL Datasheet HTML 72Page - Intel Corporation 845GL Datasheet HTML 73Page - Intel Corporation 845GL Datasheet HTML 74Page - Intel Corporation 845GL Datasheet HTML 75Page - Intel Corporation 845GL Datasheet HTML 76Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 193 page
background image
Register Description
72
Intel® 82845G/82845GL/82845GV GMCH Datasheet
3.5.1.30
AMTT—AGP MTT Control Register (Device 0)
Address Offset:
BCh
Default Value:
10h
Access:
Read Only, Read/Write
Size:
8 bits
AMTT is an 8-bit register that controls the amount of time that the GMCH’s arbiter allows AGP/
PCI master to perform multiple back-to-back transactions. The GMCH’s AMTT mechanism is
used to optimize the performance of the AGP master (using PCI semantics) that performs multiple
back-to-back transactions to fragmented memory ranges (and as a consequence it can not use long
burst transfers). The AMTT mechanism applies to the host-AGP/PCI transactions as well and it
assures the processor of a fair share of the AGP/PCI interface bandwidth.
The number of clocks programmed in the AMTT represents the guaranteed time slice (measured in
66 MHz clocks) allotted to the current agent (either AGP/PCI master or Host bridge) after which
the AGP arbiter will grant the bus to another agent. The default value of AMTT is 00h and disables
this function. The AMTT value can be programmed with 8 clock granularity. For example, if the
AMTT is programmed to 18h, then the selected value corresponds to the time period of 24 AGP
(66 MHz) clocks.
3.5.1.31
LPTT—AGP Low Priority Transaction Timer Register (Device 0)
Address Offset:
BDh
Default Value:
10h
Access:
R/W
Size:
8 bits
LPTT is an 8-bit register similar in function to AMTT. This register is used to control the minimum
tenure on the AGP for low priority data transaction (both reads and writes) issued using PIPE# or
SB mechanisms.
The number of clocks programmed in the LPTT represents the guaranteed time slice (measured in
66 MHz clocks) allotted to the current low priority AGP transaction data transfer state. This does
not necessarily apply to a single transaction but it can span over multiple low-priority transactions
of the same type. After this time expires the AGP arbiter may grant the bus to another agent if there
is a pending request. The LPTT does not apply in the case of high-priority request where ownership
is transferred directly to high-priority requesting queue. The default value of LPTT is 00h and
disables this function. The LPTT value can be programmed with 8-clock granularity. For example,
if the LPTT is programmed to 10h, then the selected value corresponds to the time period of
16 AGP (66 MHz) clocks.
Bit
Description
7:3
Multi-Transaction Timer Count Value (MTTC).
The number programmed into these bits represents
the time slice (measured in eight, 66 MHz clock granularity) allotted to the current agent (either AGP/
PCI master or GMCH bridge) after which the AGP arbiter will grant the bus to another agent.
2:0
Reserved.
Bit
Description
7:3
Low Priority Transaction Timer Count Value (LPTTC).
The number of clocks programmed in
these bits represents the time slice (measured in eight, 66 MHz clock granularity) allotted to the
current low priority AGP transaction data transfer state).
2:0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com