Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

845GL Datasheet(PDF) 111 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 111 Page - Intel Corporation

Back Button 845GL Datasheet HTML 107Page - Intel Corporation 845GL Datasheet HTML 108Page - Intel Corporation 845GL Datasheet HTML 109Page - Intel Corporation 845GL Datasheet HTML 110Page - Intel Corporation 845GL Datasheet HTML 111Page - Intel Corporation 845GL Datasheet HTML 112Page - Intel Corporation 845GL Datasheet HTML 113Page - Intel Corporation 845GL Datasheet HTML 114Page - Intel Corporation 845GL Datasheet HTML 115Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
111
Functional Description
4.3
AGP Interface
See the Accelerated Graphics Port Interface Specification, Revision 2.0 for additional details about
the AGP interface.
4.3.1
Overview
The GMCH multiplexes an AGP interface with two DVO ports. The DVO ports can support single
channel DVO devices or can combine to support dual-channel devices, supporting higher
resolutions and refresh rates. When an external AGP device is used, the multiplexed DVO ports are
not available, as the GMCH’s IGD will be disabled. For more information on the multiplexed DVO
interface, refer to Section 4.5.
The GMCH supports 1.5 V AGP 1X/2X/4X devices. The AGP signal buffers have one mode of
operation; 1.5 V drive/receive (not 3.3 V tolerant). The GMCH supports 4X (266 MT/s) clocking
transfers for read and write data, and sideband addressing. The GMCH has a 32-deep AGP request
queue.
AGP semantic transactions to system SDRAM do not get snooped and are, therefore, not coherent
with the processor caches. PCI semantic transactions on AGP to system SDRAM are snooped.
AGP semantic accesses to the hub interface/PCI are not supported. PCI semantic accesses from an
AGP master to hub interface are also not supported.
4.3.1.1
Lock Behavior
If the processor has established a lock to AGP, the GMCH immediately retries incoming FRAME#
cycles. The reads will not be processed internally as a delayed transaction.
If the processor has established a lock to another resource other than AGP, the GMCH will accept
incoming FRAME# cycles based on the other retry/disconnect rules. Since snoops cannot be
generated to the processor while a lock is outstanding, eventually the GMCH’s PCI interface backs
up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com