Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT21CS01 Datasheet(PDF) 19 Page - Microchip Technology

Part # AT21CS01
Description  Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM with a Unique, Factory-Programmed 64-Bit Serial Number
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT21CS01 Datasheet(HTML) 19 Page - Microchip Technology

Back Button AT21CS01 Datasheet HTML 15Page - Microchip Technology AT21CS01 Datasheet HTML 16Page - Microchip Technology AT21CS01 Datasheet HTML 17Page - Microchip Technology AT21CS01 Datasheet HTML 18Page - Microchip Technology AT21CS01 Datasheet HTML 19Page - Microchip Technology AT21CS01 Datasheet HTML 20Page - Microchip Technology AT21CS01 Datasheet HTML 21Page - Microchip Technology AT21CS01 Datasheet HTML 22Page - Microchip Technology AT21CS01 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
Figure 4-1. Memory Architecture Diagram
Main
1-Kbit
EEPROM
256-bit
Security
Register
Zone 2
1-Kbit Address Range (00h-7Fh)
User-Programmable Memory
Address Range (10h-1Fh)
64-bit Serial Number
Address Range (00h-07h)
Permanently Lockable
by Software
Opcode
1010b (Ah)
Opcode
1011b (Bh)
Read-Only
Four, 256-bit
ROM Zones
Each can be
independently
set to read-only
Zone 0
Zone 1
Zone 2
Zone 3
Reserved for Future Use
Address Range (08h-0Fh)
AT21CS01/AT21CS11
© 2017 Microchip Technology Inc.
Datasheet
DS20005857A-page 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com