Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT21CS01 Datasheet(PDF) 24 Page - Microchip Technology

Part # AT21CS01
Description  Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM with a Unique, Factory-Programmed 64-Bit Serial Number
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT21CS01 Datasheet(HTML) 24 Page - Microchip Technology

Back Button AT21CS01 Datasheet HTML 20Page - Microchip Technology AT21CS01 Datasheet HTML 21Page - Microchip Technology AT21CS01 Datasheet HTML 22Page - Microchip Technology AT21CS01 Datasheet HTML 23Page - Microchip Technology AT21CS01 Datasheet HTML 24Page - Microchip Technology AT21CS01 Datasheet HTML 25Page - Microchip Technology AT21CS01 Datasheet HTML 26Page - Microchip Technology AT21CS01 Datasheet HTML 27Page - Microchip Technology AT21CS01 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
Following receipt of the data byte, the EEPROM will respond with an ACK and the master can send up to
an additional seven bytes if desired. The EEPROM will respond with an ACK after each data byte is
successfully received. Once all of the data bytes have been sent, the device requires a Stop condition to
begin the write cycle. However, since a Stop condition is defined as a null bit frame with SI/O pulled high,
the master does not need to drive the SI/O line to accomplish this. After the Stop condition is complete,
the EEPROM will enter an internally self-timed write cycle, which will complete within a time of tWR, while
the data is being programmed into the nonvolatile EEPROM. The SI/O pin must be pulled high via the
external pull-up resistor during the entire tWR cycle. Figure 6-3 is included below as an example of a byte
write operation in the Security register.
Figure 6-3. Byte Write in the Security Register
SI/O
MSB
ACK
by Slave
1
0
1
1 A2 A1 A0 0
Device Address
MSB
x
x
x
1 A3 A2 A1 A0
MSB
D
D
D
D
D
D
D
D
Data In Byte
ACK
by Slave
ACK
by Slave
Stop Condition
by Master
Start Condition
by Master
0
0
0
Security Register Address
Note: 
1.
x = Don’t Care values in the place of A7
‑A5 as these bits falls outside the addressable range of the
Security register.
2.
Any attempt to interrupt the internal write cycle by driving the SI/O line low may cause the byte
being programmed to be corrupted. Other memory locations within the memory array will not be
affected. Note Device Behavior During Internal Write Cycle for the behavior of the device while the
write cycle is in progress. If the master must interrupt a write operation, the SI/O line must be driven
low for tDSCHG as noted in Interrupting the Device during an Active Operation.
6.5
Locking the Security Register
The Lock command is an irreversible sequence that will permanently prevent all future writing to the
upper 16 bytes of the Security register on the AT21CS01/11. Once the Lock command has been
executed, the entire 32-byte Security register becomes read-only. Once the Security register has been
locked, it is not possible to unlock it.
The Lock command protocol emulates a byte write operation to the Security register, however, the
opcode 0010b (2h) is required along with the A7 through A4 bits of the memory address being set to
0110b (6h). The remaining bits of the memory address, as well as the data byte are "don’t care" bits.
Even though these bits are "don’t cares", they still must be transmitted to the device. An ACK response to
the memory address and data byte indicates the Security register is not currently locked. A NACK
response indicates the Security register is already locked. Refer to Figure 6-5 for details about
determining the Lock status of the Security register.
The sequence completes with a Stop condition to initiate a self-timed internal write cycle. If a Stop
condition is sent at any other time, the Lock operation is aborted. Since a Stop condition is defined as a
null bit frame with SI/O pulled high, the master does not need to drive the SI/O line to accomplish this.
Upon completion of the write cycle, (taking a time of tWR), the Lock operation is complete and the Security
register will become permanently read-only.
Note: 
1.
Any attempt to drive the SI/O line low during the tWR time period may cause the Lock operation to
not complete successfully, and must be avoided.
AT21CS01/AT21CS11
© 2017 Microchip Technology Inc.
Datasheet
DS20005857A-page 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com