Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT21CS01 Datasheet(PDF) 32 Page - Microchip Technology

Part # AT21CS01
Description  Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM with a Unique, Factory-Programmed 64-Bit Serial Number
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT21CS01 Datasheet(HTML) 32 Page - Microchip Technology

Back Button AT21CS01 Datasheet HTML 28Page - Microchip Technology AT21CS01 Datasheet HTML 29Page - Microchip Technology AT21CS01 Datasheet HTML 30Page - Microchip Technology AT21CS01 Datasheet HTML 31Page - Microchip Technology AT21CS01 Datasheet HTML 32Page - Microchip Technology AT21CS01 Datasheet HTML 33Page - Microchip Technology AT21CS01 Datasheet HTML 34Page - Microchip Technology AT21CS01 Datasheet HTML 35Page - Microchip Technology AT21CS01 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
8.
ROM Zones
8.1
ROM Zone Size and ROM Zone Registers
Certain applications require that portions of the EEPROM memory array be permanently protected
against malicious attempts at altering program code, data modules, security information, or
encryption/decryption algorithms, keys, and routines. To address these applications, the memory array is
segmented into four different memory zones of 256 bits each. A ROM Zone mechanism has been
incorporated that allows any combination of individual memory zones to be permanently locked so that
they become read
‑only (ROM). Once a memory zone has been converted to ROM, it can never be
erased or programmed again, and it can never be unlocked from the ROM state. Table 8-2 shows the
address range of each of the four memory zones.
8.1.1
ROM Zone Registers
Each 256-bit memory zone has a corresponding single-bit ROM Zone register that is used to control the
ROM status of that zone. These registers are nonvolatile and will retain their state even after a device
power cycle or Reset operation. The following table outlines the two states of the ROM Zone registers.
Each ROM Zone register has specific ROM Zone register address that is reserved for read or write
access.
Table 8-1. ROM Zone Register Values
Value ROM Zone Status
0
ROM Zone is not enabled and that memory zone can be programmed and erased (the default
state).
1
ROM Zone is enabled and that memory zone can never be programmed or erased again.
Issuing the ROM Zone command to a particular ROM Zone register address will set the corresponding
ROM Zone register to the logic ‘1’ state. Each ROM Zone register can only be set once; therefore, once
set to the logic ‘1’ state, a ROM Zone cannot be reset back to the logic ‘0’ state.
Table 8-2. ROM Zone Address Ranges
Memory Zone
Starting Memory Address
Ending Memory Address
ROM Zone
Register Address
0
0h
1Fh
01h
1
20h
3Fh
02h
2
40h
5Fh
04h
3
60h
7Fh
08h
8.2
Programming and Reading the ROM Zone Registers
8.2.1
Reading the Status of a ROM Zone Register
To check the current status of a ROM Zone register, the master must emulate a random read sequence
with the exception that the opcode 0111b (7h) will be used. The dummy write portion of the random read
sequence is needed to specify which ROM Zone register address is to be read.
AT21CS01/AT21CS11
© 2017 Microchip Technology Inc.
Datasheet
DS20005857A-page 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com