Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT21CS01 Datasheet(PDF) 11 Page - Microchip Technology

Part # AT21CS01
Description  Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM with a Unique, Factory-Programmed 64-Bit Serial Number
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT21CS01 Datasheet(HTML) 11 Page - Microchip Technology

Back Button AT21CS01 Datasheet HTML 7Page - Microchip Technology AT21CS01 Datasheet HTML 8Page - Microchip Technology AT21CS01 Datasheet HTML 9Page - Microchip Technology AT21CS01 Datasheet HTML 10Page - Microchip Technology AT21CS01 Datasheet HTML 11Page - Microchip Technology AT21CS01 Datasheet HTML 12Page - Microchip Technology AT21CS01 Datasheet HTML 13Page - Microchip Technology AT21CS01 Datasheet HTML 14Page - Microchip Technology AT21CS01 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
2.
Pin Descriptions
The descriptions of the pins are listed in Table 2-1.
Table 2-1. Pin Function Table
Name
2-pad XSFN
3-lead SOT23
8-lead SOIC
4-ball WLCSP Function
NC
—
—
1
—
No Connect
NC
—
—
2
—
No Connect
NC
—
2
3
—
No Connect
GND
2
3
4
B1
Ground
SI/O
1
1
5
A1
Serial Input and
Output
NC
—
—
6
No Connect
NC
—
—
7
—
No Connect
NC
—
—
8
—
No Connect
2.1
No Connect
The NC pins are not internally connected. These pins can be connected to GND or left floating.
2.2
Serial Input and Output
The SI/O pin is an open-drain, bidirectional input/output pin used to serially transfer data to and from the
device.
The SI/O pin must be pulled high using an external pull
‑up resistor (not to exceed 4 kΩ in value) and may
be wire-ORed with any number of other open
‑drain or open‑collector pins from other devices on the same
bus.
The device also uses the SI/O pin as its voltage source by drawing and storing power during the periods
that the pin is pulled high to a voltage level between 1.7V and 3.6V (AT21CS01) and between 2.7V and
4.5V (AT21CS11).
AT21CS01/AT21CS11
© 2017 Microchip Technology Inc.
Datasheet
DS20005857A-page 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com