Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT21CS01 Datasheet(PDF) 1 Page - Microchip Technology

Part # AT21CS01
Description  Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM with a Unique, Factory-Programmed 64-Bit Serial Number
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT21CS01 Datasheet(HTML) 1 Page - Microchip Technology

  AT21CS01 Datasheet HTML 1Page - Microchip Technology AT21CS01 Datasheet HTML 2Page - Microchip Technology AT21CS01 Datasheet HTML 3Page - Microchip Technology AT21CS01 Datasheet HTML 4Page - Microchip Technology AT21CS01 Datasheet HTML 5Page - Microchip Technology AT21CS01 Datasheet HTML 6Page - Microchip Technology AT21CS01 Datasheet HTML 7Page - Microchip Technology AT21CS01 Datasheet HTML 8Page - Microchip Technology AT21CS01 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
AT21CS01/AT21CS11
Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM
with a Unique, Factory-Programmed 64-Bit Serial Number
Features
Low
‑Voltage Operation:
AT21CS01 is self-powered via the 1.7V to 3.6V pull
‑up voltage on the SI/O line
AT21CS11 is self-powered via the 2.7V to 4.5V pull
‑up voltage on the SI/O line
Internally Organized as 128 Words of Eight Bits Each (1-Kbit)
Single-Wire Serial Interface with I2C Protocol Structure:
Device communication is achieved through a single I/O pin
Standard Speed and High-Speed Mode Options:
15.4 kbps maximum bit rate in Standard Speed mode (AT21CS01 only)
125 kbps maximum bit rate in High-Speed mode (AT21CS01 and AT21CS11)
8
‑Byte Page Write or Single Byte Writes Allowed
Discovery Response Feature for Quick Detection of Devices on the Bus
ROM Zone Support:
Device is segmented into four 256
‑bit zones, each of which can be permanently made
read
‑only (ROM)
256
‑bit Security Register:
Lower eight bytes contains a factory-programmed, read-only, 64
‑bit serial number that is
unique to all Microchip single
‑wire products
Next eight bytes are reserved for future use and will read FFh
Upper 16 bytes are user
‑programmable and permanently lockable
Self
‑Timed Write Cycle (5 ms maximum)
Manufacturer Identification Register:
Device responds with unique value for Microchip as well as density and revision information
High Reliability:
Endurance: 1,000,000 write cycles
Data retention: 100 years
IEC 61000-4-2 Level 4 ESD Compliant (±8 kV Contact, ±15 kV Air Discharge)
Green (Lead-free/Halide-free/RoHS Compliant) Package Options
Die Sale Options in Wafer Form and Tape and Reel
Packages
2-pad XSFN, 3-lead SOT23, 8-lead SOIC and 4-ball thin WLCSP.
© 2017 Microchip Technology Inc.
Datasheet
DS20005857A-page 1


Similar Part No. - AT21CS01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT210 ETC2-AT210 Datasheet
3Mb / 33P
Accessories Hardware
AT210 ETC-AT210 Datasheet
3Mb / 34P
Accessories Hardware
logo
Aimtron Technology
AT2101 AIMTRON-AT2101 Datasheet
209Kb / 8P
12-Bit 6MSPS A/D CONVERTER
logo
List of Unclassifed Man...
AT211 ETC2-AT211 Datasheet
3Mb / 33P
Accessories Hardware
AT211 ETC-AT211 Datasheet
3Mb / 34P
Accessories Hardware
More results

Similar Description - AT21CS01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2401 MAXIM-DS2401_11 Datasheet
337Kb / 11P
Silicon Serial Number Unique, Factory-Lasered and Tested 64-Bit
Rev 5/11
logo
ATMEL Corporation
AT24CS01 ATMEL-AT24CS01_14 Datasheet
839Kb / 23P
Factory Programmed 128-bit Serial Number
AT24CS02 ATMEL-AT24CS02_14 Datasheet
839Kb / 23P
Factory Programmed 128-bit Serial Number
AT24CS04 ATMEL-AT24CS04_14 Datasheet
881Kb / 24P
Factory Programmed 128-bit Serial Number
AT24CS08 ATMEL-AT24CS08_14 Datasheet
881Kb / 24P
Factory Programmed 128-bit Serial Number
AT24CS16 ATMEL-AT24CS16_14 Datasheet
868Kb / 22P
Factory Programmed 128-bit Serial Number
AT24MAC402 ATMEL-AT24MAC402_14 Datasheet
1Mb / 29P
Plus an Embedded Unique 128-bit Serial Number
logo
Microchip Technology
11AA02UID MICROCHIP-11AA02UID Datasheet
666Kb / 32P
2K UNI/O짰 Serial EEPROM with Unique 32-Bit Serial Number
11/29/12
AT24C01C MICROCHIP-AT24C01C Datasheet
1Mb / 45P
I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
2018
AT24CS32 MICROCHIP-AT24CS32 Datasheet
1Mb / 42P
I²C-Compatible (Two-Wire) Serial EEPROM with a Unique,Factory-Programmed 128-Bit Serial Number 32‑Kbit (4,096 x 8)
Revision A April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com