Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT21CS01 Datasheet(PDF) 41 Page - Microchip Technology

Part # AT21CS01
Description  Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM with a Unique, Factory-Programmed 64-Bit Serial Number
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT21CS01 Datasheet(HTML) 41 Page - Microchip Technology

Back Button AT21CS01 Datasheet HTML 37Page - Microchip Technology AT21CS01 Datasheet HTML 38Page - Microchip Technology AT21CS01 Datasheet HTML 39Page - Microchip Technology AT21CS01 Datasheet HTML 40Page - Microchip Technology AT21CS01 Datasheet HTML 41Page - Microchip Technology AT21CS01 Datasheet HTML 42Page - Microchip Technology AT21CS01 Datasheet HTML 43Page - Microchip Technology AT21CS01 Datasheet HTML 44Page - Microchip Technology AT21CS01 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
35
AT21CS01 [DATASHEET]
Atmel-8903A-SEEPROM-AT21CS01-Datasheet_082015
12.3 4U-6 — 4-ball WLCSP
DRAWING NO.
REV.
TITLE
GPC
4U-6
B
8/7/15
4U-6, 4-ball 2x2 Array, 0.40mm Pitch
Wafer Level Chip-Scale Package (WLCSP) with BSC
GPH
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
TYP
MAX
NOTE
A
0.313
0.334
0.355
A1
—
0.094
—
A2
—
0.240
—
3
D
Contact Microchip for details
d1
0.400 BSC
E
Contact Microchip for details
e1
0.400 BSC
b
0.170
0.185
0.200
PIN ASSIGNMENT MATRIX
1
2
A
B
SI/O
GND
NC
NC
TOP VIEW
SIDE VIEW
BOTTOM SIDE
Note: 1. Dimensions are NOT to scale.
2. Solder ball composition is 95.5Sn-4.0Ag-0.5Cu.
3. Product offered with Back Side Coating.
k
0.015 (4X)
A
B
C
k
0.075 C
SEATING PLANE
d b
A1 CORNER
A1 CORNER
d 0.015 m C
v
0.05
C A B
m
d
D
E
d1
e1
A2
A1
A
A
B
1
2
B
A
1
2
Note:  For the most current package drawings, please see the Microchip Packaging Specification located
at http://www.microchip.com/packaging.
AT21CS01/AT21CS11
© 2017 Microchip Technology Inc.
Datasheet
DS20005857A-page 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com