Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT21CS01 Datasheet(PDF) 14 Page - Microchip Technology

Part # AT21CS01
Description  Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM with a Unique, Factory-Programmed 64-Bit Serial Number
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT21CS01 Datasheet(HTML) 14 Page - Microchip Technology

Back Button AT21CS01 Datasheet HTML 10Page - Microchip Technology AT21CS01 Datasheet HTML 11Page - Microchip Technology AT21CS01 Datasheet HTML 12Page - Microchip Technology AT21CS01 Datasheet HTML 13Page - Microchip Technology AT21CS01 Datasheet HTML 14Page - Microchip Technology AT21CS01 Datasheet HTML 15Page - Microchip Technology AT21CS01 Datasheet HTML 16Page - Microchip Technology AT21CS01 Datasheet HTML 17Page - Microchip Technology AT21CS01 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
3.1.3
Data Input and Output Bit Frames
Communication with the AT21CS01/11 is conducted in time intervals referred to as a bit frame and lasts
tBIT in duration. Each bit frame contains a single binary data value. Input bit frames are used to transmit
data from the master to the AT21CS01/11 and can either be a logic ‘0’ or a logic ‘1’. An output bit frame
carries data from the AT21CS01/11 to the master. In all input and output cases, the master initiates the bit
frame by driving the SI/O line low. Once the AT21CS01/11 detects the SI/O being driven below the VIL
level, its internal timing circuits begin to run.
The duration of each bit frame is allowed to vary from bit to bit as long as the variation does not cause the
tBIT length to exceed the specified minimum and maximum values (see AT21CS01/11 AC
Characteristics). The tBIT requirements will vary depending on whether the device is set for Low-Speed or
High-Speed mode. For more information about setting the speed of the device, refer to Setting the Device
Speed.
3.1.3.1
Data Input Bit Frames
A data input bit frame can be used by the master to transmit either a logic ‘0’ or logic ‘1’ data bit to the
AT21CS01/11. The input bit frame is initiated when the master drives the SI/O line low. The length of time
that the SI/O line is held low will dictate whether the master is transmitting a logic ‘0’ or a logic ‘1’ for that
bit frame. For a logic ‘0’ input, the length of time that the SI/O line must be held low is defined as tLOW0.
Similarly, for a logic ‘1’ input, the length of time that the SI/O line must be held low is defined as tLOW1.
The AT21CS01/11 will sample the state of the SI/O line after the maximum tLOW1 but prior to the minimum
tLOW0 after SI/O was driven below the VIL threshold to determine if the data input is a logic ‘0’ or a
logic ‘1’. If the master is still driving the line low at the sample time, the AT21CS01/11 will decode that bit
frame as a logic ‘0’ as SI/O will be at a voltage less than VIL. If the master has already released the SI/O
line, the AT21CS01/11 will see a voltage level greater than or equal to VIH because of the external pull-up
resistor, and that bit frame will be decoded as a logic ‘1’. The timing requirements for these parameters
can be found in AT21CS01/11 AC Characteristics.
A logic ‘0’ condition has multiple uses in the I2C emulation sequences. It is used to signify a ‘0’ data bit,
and it also is used for an Acknowledge (ACK) response. Additionally, a logic ‘1’ condition is also is used
for a No Acknowledge (NACK) response in addition to the nominal ‘1‘ data bit.
Figure 3-2 and Figure 3-3 depict the logic ‘0’ and logic ‘1’ input bit frames.
Figure 3-2. Logic 0 Input Condition Waveform
SI/O
tLOW0
VIL
VIH
tBIT
MASTER
PULL-UP RESISTOR
tRCV
AT21CS01/AT21CS11
© 2017 Microchip Technology Inc.
Datasheet
DS20005857A-page 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com