Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT21CS01 Datasheet(PDF) 8 Page - Microchip Technology

Part # AT21CS01
Description  Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM with a Unique, Factory-Programmed 64-Bit Serial Number
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT21CS01 Datasheet(HTML) 8 Page - Microchip Technology

Back Button AT21CS01 Datasheet HTML 4Page - Microchip Technology AT21CS01 Datasheet HTML 5Page - Microchip Technology AT21CS01 Datasheet HTML 6Page - Microchip Technology AT21CS01 Datasheet HTML 7Page - Microchip Technology AT21CS01 Datasheet HTML 8Page - Microchip Technology AT21CS01 Datasheet HTML 9Page - Microchip Technology AT21CS01 Datasheet HTML 10Page - Microchip Technology AT21CS01 Datasheet HTML 11Page - Microchip Technology AT21CS01 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
4.
VIH, VIL, and VHYS are a function of the internal supply voltage, which is a function of VPUP, RPUP,
CBUS, and timing used. Use of a lower VPUP, higher RPUP, higher CBUS, and shorter tRCV creates
lower VIH, VIL and VHYS values.
5.
Once VIH is crossed on a rising edge of SI/O, the voltage on SI/O must drop at least by VHYS to be
detected as a logic ‘0’.
1.5
AT21CS01/11 AC Characteristics
1.5.1
Reset and Discovery Response Timing
Parameter and Condition(1)(2)
Symbol
Standard
Speed(3)(4)
High Speed
Units
Min.
Max.
Min.
Max.
Reset Low Time, Device in Inactive
State
tRESET
480
—
48
—
µs
Discharge Low Time, Device in Active
Write Cycle (tWR)
tDSCHG
150
—
150
—
µs
Reset Recovery Time
tRRT
N/A
N/A
8
—
µs
Discovery Response Request
tDRR
N/A
N/A
1
2 - tPUP(5)
µs
Discovery Response Acknowledge
Time
tDACK
N/A
N/A
8
24
µs
Master Strobe Discovery Response
Time
tMSDR
N/A
N/A
2
6
µs
SI/O High Time for Start/Stop
Condition
tHTSS
N/A
N/A
150
—
µs
Note: 
1.
Parameters applicable over operating range in AT21CS01/11 DC and AC Operating Range, unless
otherwise noted.
2.
AC measurement conditions for the table above:
–
Loading capacitance on SI/O: 100 pF
–
RPUP (bus line pull-up resistor to VPUP): 1 kΩ; VPUP: 2.7V
3.
Due to the fact that the device will default to High-Speed mode upon Reset, the Reset and
Discovery Response Timing after tRESET does not apply for Standard Speed mode. High-Speed
mode timing applies in all cases after tRESET.
4.
Standard Speed is not available on the AT21CS11.
5.
tPUP is the time required once the SI/O line is released to be pulled up from VIL to VIH. This value is
application specific and is a function of the loading capacitance on the SI/O line as well as the RPUP
chosen. Limits for these values are provided in AT21CS01 DC Characteristics(1) and AT21CS11
DC Characteristics(1).
AT21CS01/AT21CS11
© 2017 Microchip Technology Inc.
Datasheet
DS20005857A-page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com