Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT21CS01 Datasheet(PDF) 4 Page - Microchip Technology

Part # AT21CS01
Description  Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM with a Unique, Factory-Programmed 64-Bit Serial Number
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT21CS01 Datasheet(HTML) 4 Page - Microchip Technology

  AT21CS01 Datasheet HTML 1Page - Microchip Technology AT21CS01 Datasheet HTML 2Page - Microchip Technology AT21CS01 Datasheet HTML 3Page - Microchip Technology AT21CS01 Datasheet HTML 4Page - Microchip Technology AT21CS01 Datasheet HTML 5Page - Microchip Technology AT21CS01 Datasheet HTML 6Page - Microchip Technology AT21CS01 Datasheet HTML 7Page - Microchip Technology AT21CS01 Datasheet HTML 8Page - Microchip Technology AT21CS01 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
Table of Contents
Features.......................................................................................................................... 1
Packages.........................................................................................................................1
Package Types (not to scale).......................................................................................... 2
Description.......................................................................................................................2
System Configuration Using Single-Wire Serial EEPROMs............................................3
Block Diagram................................................................................................................. 3
1. Electrical Characteristics........................................................................................... 6
1.1.
Absolute Maximum Ratings(1)...................................................................................................... 6
1.2.
AT21CS01/11 DC and AC Operating Range................................................................................6
1.3.
AT21CS01 DC Characteristics(1)..................................................................................................6
1.4.
AT21CS11 DC Characteristics(1).................................................................................................. 7
1.5.
AT21CS01/11 AC Characteristics.................................................................................................8
2. Pin Descriptions.......................................................................................................11
2.1.
No Connect.................................................................................................................................11
2.2.
Serial Input and Output...............................................................................................................11
3. Device Operation and Communication....................................................................12
3.1.
Single-Wire Bus Transactions.................................................................................................... 12
4. Device Addressing and I2C Protocol Emulation...................................................... 18
4.1.
Memory Organization................................................................................................................. 18
5. Available Opcodes...................................................................................................20
5.1.
EEPROM Access (Opcode Ah)..................................................................................................20
5.2.
Security Register Access (Opcode Bh)...................................................................................... 20
5.3.
Lock Security Register (Opcode 2h).......................................................................................... 20
5.4.
ROM Zone Register Access (Opcode 7h)..................................................................................20
5.5.
Freeze ROM Zone State (Opcode 1h)....................................................................................... 21
5.6.
Manufacturer ID Read (Opcode Ch).......................................................................................... 21
5.7.
Standard Speed Mode (Opcode Dh)..........................................................................................21
5.8.
High-Speed Mode (Opcode Eh)................................................................................................. 21
6. Write Operations......................................................................................................22
6.1.
Device Behavior During Internal Write Cycle............................................................................. 22
6.2.
Byte Write...................................................................................................................................22
6.3.
Page Write..................................................................................................................................23
6.4.
Writing to the Security Register..................................................................................................23
6.5.
Locking the Security Register.....................................................................................................24
6.6.
Setting the Device Speed...........................................................................................................25
AT21CS01/AT21CS11
© 2017 Microchip Technology Inc.
Datasheet
DS20005857A-page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com