Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT21CS01 Datasheet(PDF) 6 Page - Microchip Technology

Part # AT21CS01
Description  Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM with a Unique, Factory-Programmed 64-Bit Serial Number
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT21CS01 Datasheet(HTML) 6 Page - Microchip Technology

Back Button AT21CS01 Datasheet HTML 2Page - Microchip Technology AT21CS01 Datasheet HTML 3Page - Microchip Technology AT21CS01 Datasheet HTML 4Page - Microchip Technology AT21CS01 Datasheet HTML 5Page - Microchip Technology AT21CS01 Datasheet HTML 6Page - Microchip Technology AT21CS01 Datasheet HTML 7Page - Microchip Technology AT21CS01 Datasheet HTML 8Page - Microchip Technology AT21CS01 Datasheet HTML 9Page - Microchip Technology AT21CS01 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
1.
Electrical Characteristics
1.1
Absolute Maximum Ratings(1)
Temperature under bias
-55°C to +125°C
Storage temperature
-65°C to +150°C
Voltage on any pin with respect to ground
-0.6V to VPUP +0.5V
DC output current
15.0 mA
Note: 
1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional operation of the device at these or any other
conditions beyond those indicated in the operational sections of this specification are not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
1.2
AT21CS01/11 DC and AC Operating Range
AT21CS01
AT21CS11
Operating Temperature (Case)
Industrial Temperature Range
-40°C to +85°C -40°C to +85°C
VPUP Voltage tied to SI/O
Voltage Range
1.7V to 3.6V
2.7V to 4.5V
1.3
AT21CS01 DC Characteristics(1)
Parameter
Symbol
Minimum
Typical(2)
Maximum
Units
Test Conditions
Pull-up Voltage
VPUP
1.7
—
3.6
V
High-Speed
mode
2.7
—
3.6
V
Standard Speed
mode
Pull-up Resistance
RPUP
130
—
200
Ω
VPUP = 1.7V
0.2
—
1.8
kΩ
VPUP = 2.7V
0.33
—
4
kΩ
VPUP = 3.6V
Active Current, Read
IA1
—
0.08
0.3
mA
VPUP = 3.6V;
SI/O = VPUP
Active Current, Write
IA2
—
0.20
0.5
mA
VPUP = 3.6V
Standby Current
ISB
—
0.6
1.5
µA
VPUP = 1.8V(3);
SI/O = VPUP
—
0.7
2.5
µA
VPUP = 3.6V
Input Low Level(3)(4)
VIL
–0.6
—
0.5
V
Input High Level(3)(4)
VIH
VPUP x 0.7
—
VPUP + 0.5
V
AT21CS01/AT21CS11
© 2017 Microchip Technology Inc.
Datasheet
DS20005857A-page 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com