Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT21CS01 Datasheet(PDF) 40 Page - Microchip Technology

Part # AT21CS01
Description  Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM with a Unique, Factory-Programmed 64-Bit Serial Number
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT21CS01 Datasheet(HTML) 40 Page - Microchip Technology

Back Button AT21CS01 Datasheet HTML 36Page - Microchip Technology AT21CS01 Datasheet HTML 37Page - Microchip Technology AT21CS01 Datasheet HTML 38Page - Microchip Technology AT21CS01 Datasheet HTML 39Page - Microchip Technology AT21CS01 Datasheet HTML 40Page - Microchip Technology AT21CS01 Datasheet HTML 41Page - Microchip Technology AT21CS01 Datasheet HTML 42Page - Microchip Technology AT21CS01 Datasheet HTML 43Page - Microchip Technology AT21CS01 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
33
AT21CS01 [DATASHEET]
Atmel-8903A-SEEPROM-AT21CS01-Datasheet_082015
12.
Packaging Information
12.1 8S1 — 8-lead SOIC
DRAWING NO. REV.
TITLE
GPC
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL MIN
NOM
MAX
NOTE
A1
0.10
–
0.25
A
–
–
1.75
b
0.31
–
0.51
C
0.17
–
0.25
D
4.90 BSC
E
6.00 BSC
E1
3.90 BSC
e
1.27 BSC
L
0.40
–
1.27
Ø
Ø
0°
–
8°
Ø
E
1
N
TOP VIEW
C
E1
END VIEW
A
b
L
A1
e
D
SIDE VIEW
8S1
H
3/6/2015
Notes: This drawing is for general information only.
Refer to JEDEC Drawing MS-012, Variation AA
for proper dimensions, tolerances, datums, etc.
8S1, 8-lead (0.150” Wide Body), Plastic Gull Wing
Small Outline (JEDEC SOIC)
SWB
Note:  For the most current package drawings, please see the Microchip Packaging Specification located
at http://www.microchip.com/packaging.
AT21CS01/AT21CS11
© 2017 Microchip Technology Inc.
Datasheet
DS20005857A-page 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com