Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT21CS01 Datasheet(PDF) 17 Page - Microchip Technology

Part # AT21CS01
Description  Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM with a Unique, Factory-Programmed 64-Bit Serial Number
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT21CS01 Datasheet(HTML) 17 Page - Microchip Technology

Back Button AT21CS01 Datasheet HTML 13Page - Microchip Technology AT21CS01 Datasheet HTML 14Page - Microchip Technology AT21CS01 Datasheet HTML 15Page - Microchip Technology AT21CS01 Datasheet HTML 16Page - Microchip Technology AT21CS01 Datasheet HTML 17Page - Microchip Technology AT21CS01 Datasheet HTML 18Page - Microchip Technology AT21CS01 Datasheet HTML 19Page - Microchip Technology AT21CS01 Datasheet HTML 20Page - Microchip Technology AT21CS01 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
Figure 3-7. Logic 1 Data Output Bit Frame Waveform
AT21CS01 [DATASHEET]
Atmel-8903A-SEEPROM-AT21CS01-Datasheet_082015
10
3.1.3.4 Data Output Bit Frame
A data output Bit Frame is used when the Master is to receive communication back from the AT21CS01. Data
output Bit Frames are used when reading any data out as well as any ACK or NACK responses from the device.
Just as in the input Bit Frame, the Master initiates the sequence by driving the SI/O line below the VIL threshold
which engages the AT21CS01’s internal timing generation circuit.
Within the output Bit Frame is the critical timing parameter tRD, which is defined as the amount of time the
Master must continue to drive the SI/O line low after crossing the below VIL threshold to request a data bit back
from the AT21CS01. Once the tRD duration has expired, the Master must release the SI/O line.
If the AT21CS01 is responding with a Logic 0 (for either a
‘0’ data bit or an ACK response), it will begin to pull
the SI/O line low concurrently during the tRD window and continue to hold it low for a duration of tHLD0, after
which it will release the line to be pulled back up to VPUP (see Figure 3-6). Thus, when the Master samples SI/O
within the tMRS window, it will see a voltage less than VIL and decode this event as a Logic 0. By definition, the
tHLD0 time is longer than the tMRS time and therefore the Master is guaranteed to sample while the AT21CS01 is
still driving the SI/O line low.
Figure 3-6.
Logic 0 Data Output Bit Frame Waveform
If the AT21CS01 intends to respond with a Logic 1 (for either a
‘1’ data bit or a NACK response), it will not drive
the SI/O line low at all. Once the Master releases the SI/O line after the maximum tRD has elapsed, the line will
be pulled up to VPUP. Thus when the Master samples the SI/O line within the tMRS window, it will detect a voltage
greater than VIH and decode this event as a Logic 1.
The data output Bit Frame is shown in greater detail below in Figure 3-7.
Figure 3-7.
Logic 1 Data Output Bit Frame Waveform
SI/O
VIL
VIH
tBIT
MASTER
PULL-UP RESISTOR
tMRS
tRCV
AT21CS01
Master
Sampling
Window
tRD
tHLD0
tPUP
SI/O
VIL
VIH
tBIT
MASTER
PULL-UP RESISTOR
tMRS
AT21CS01
Master
Sampling
Window
tRD
tPUP
Note: AT21CS01 will not drive the SI/O line during a Logic 1 output Bit Frame.
AT21CS01/AT21CS11
© 2017 Microchip Technology Inc.
Datasheet
DS20005857A-page 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com