Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT21CS01 Datasheet(PDF) 38 Page - Microchip Technology

Part # AT21CS01
Description  Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM with a Unique, Factory-Programmed 64-Bit Serial Number
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT21CS01 Datasheet(HTML) 38 Page - Microchip Technology

Back Button AT21CS01 Datasheet HTML 34Page - Microchip Technology AT21CS01 Datasheet HTML 35Page - Microchip Technology AT21CS01 Datasheet HTML 36Page - Microchip Technology AT21CS01 Datasheet HTML 37Page - Microchip Technology AT21CS01 Datasheet HTML 38Page - Microchip Technology AT21CS01 Datasheet HTML 39Page - Microchip Technology AT21CS01 Datasheet HTML 40Page - Microchip Technology AT21CS01 Datasheet HTML 41Page - Microchip Technology AT21CS01 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
DRAWING NO.
REV.
TITLE
GPC
2MS-1
B
10/14/14
2MS-1, 2-pad 5.0x3.5 mm Body, 0.40 thick,
Extra Thin Single Flat No Lead Package (XSFN)
YDR
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
TYP
MAX
NOTE
A
0.30
0.35
0.40
A1
0.00
0.035
0.05
A3
0.127 REF
b
1.05
1.10
1.15
3
L
4.55
4.60
4.65
D
5.00 BSC
E
3.50 BSC
e
2.00 BSC
0
0°
-
-
2
K
0.90 REF
Notes:
1. Dimensioning and tolerancing conform to ASME Y14.5M - 1994.
2. All dimensions are in millimeters, 0 is in degrees.
3. Dimension ‘b’ applies to metallized terminal and is measured between 0.15
and 0.30mm from terminal tip. If the terminal has the optional radius on the
other end of the terminal, the dimension ‘b’ should not be measured in that
radius area.
4. Maximum package warpage is 0.05mm.
5. Maximum allowable burrs is 0.076mm in all directions.
6. Pin #1 on top will be laser marked.
7. Unilateral coplanarity zone applies to the exposed heat sink slug as well as
the terminals.
0.10 m C A B
v
0.05
C
3
6
TOP VIEW
BOTTOM VIEW
(DATUM A)
B
A
k 0.10 C
4X
Pin1 Corner
(DATUM B)
1
2
A1
SEATING PLANE
A3
C
SIDE VIEW
1
2
D
E
A
7
0
C0.60 X 45°
e
b
L
0.200
0.200
K
7
Pin1 Corner
m
k 0.050 C
h 0.10 C
Note:  For the most current package drawings, please see the Microchip Packaging Specification located
at http://www.microchip.com/packaging.
AT21CS01/AT21CS11
© 2017 Microchip Technology Inc.
Datasheet
DS20005857A-page 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com