Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT21CS01 Datasheet(PDF) 13 Page - Microchip Technology

Part # AT21CS01
Description  Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM with a Unique, Factory-Programmed 64-Bit Serial Number
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT21CS01 Datasheet(HTML) 13 Page - Microchip Technology

Back Button AT21CS01 Datasheet HTML 9Page - Microchip Technology AT21CS01 Datasheet HTML 10Page - Microchip Technology AT21CS01 Datasheet HTML 11Page - Microchip Technology AT21CS01 Datasheet HTML 12Page - Microchip Technology AT21CS01 Datasheet HTML 13Page - Microchip Technology AT21CS01 Datasheet HTML 14Page - Microchip Technology AT21CS01 Datasheet HTML 15Page - Microchip Technology AT21CS01 Datasheet HTML 16Page - Microchip Technology AT21CS01 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
However, if the device is busy, the master must drive SI/O for a longer time of tDSCHG to ensure the device
is reset as discussed in Interrupting the Device during an Active Operation. The Reset time forces any
internal charge storage within the device to be consumed, causing the device to lose all remaining
standby power available internally.
Upon SI/O being released for a sufficient amount of time to allow the device time to power-up and
initialize, the master must then always request a Discovery Response Acknowledge from the
AT21CS01/11 prior to any commands being sent to the device. The master can then determine if an
AT21CS01/11 is present by sampling for the Discovery Response Acknowledge from the device.
3.1.1.2
Device Response Upon Reset or Power-Up
After the device has been powered up or after the master has reset the device by holding the SI/O line
low for tRESET or tDSCHG, the master must then release the line which will be pulled high by an external
pull-up resistor. The master must then wait an additional minimum time of tRRT before the master can
request a Discovery Response Acknowledge from the device.
The Discovery Response Acknowledge sequence begins by the master driving the SI/O line low which
will start the AT21CS01/11 internal timing circuits. The master must continue to drive the line low for tDRR.
During the tDRR time, the AT21CS01/11 will respond by concurrently driving SI/O low. The device will
continue to drive SI/O low for a total time of tDACK. The master should sample the state of the SI/O line at
tMSDR past the initiation of tDRR. By definition, the tDACK minimum is longer than the tMSDR maximum time,
thereby ensuring the master can always correctly sample the SI/O for a level less than VIL. After the tDACK
time has elapsed, the AT21CS01/11 will release SI/O which will then be pulled high by the external
pull
‑up resistor.
The master must then wait tHTSS to create a Start condition before continuing with the first command (see
Start/Stop Condition for more details about Start conditions). By default, the device will come out of Reset
in High-Speed mode. Changing the device to Standard Speed mode is covered in Standard Speed Mode
(Opcode Dh). The AT21CS01/11 will power-up with its internal Address Pointer set to zero.
The timing requirements for the Reset and Discovery Response sequence for both Standard Speed and
High-Speed mode can be found in AT21CS01/11 AC Characteristics.
3.1.2
Interrupting the Device during an Active Operation
To conserve the stored energy within the onboard parasitic power system and minimize overall active
current, the AT21CS01/11 will not monitor the SI/O line for new commands while it is busy executing a
previously sent command. As a result, the device is not able to sense how long SI/O has been in a given
state. If the master requires to interrupt the device during an active operation, it must drive SI/O low long
enough to deplete all of its remaining stored power. This time is defined as tDSCHG, after which a normal
Discovery Response can begin by releasing the SI/O line.
Figure 3-1. Reset and Discovery Response Waveform
SI/O
tRESET / tDSCHG
VIL
VIH
MASTER
PULL-UP RESISTOR
AT21CS01
Begin Next
Command with
Start Condition
tRRT
tDACK
tMSDR
Master
Sampling
Window
tDRR
tPUP
tHTSS
AT21CS01/AT21CS11
© 2017 Microchip Technology Inc.
Datasheet
DS20005857A-page 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com