Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5014 Datasheet(PDF) 28 Page - Infineon Technologies AG

Part # TLE5014
Description  Giant Magneto Resistance (GMR)-based principle
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5014 Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button TLE5014 Datasheet HTML 24Page - Infineon Technologies AG TLE5014 Datasheet HTML 25Page - Infineon Technologies AG TLE5014 Datasheet HTML 26Page - Infineon Technologies AG TLE5014 Datasheet HTML 27Page - Infineon Technologies AG TLE5014 Datasheet HTML 28Page - Infineon Technologies AG TLE5014 Datasheet HTML 29Page - Infineon Technologies AG TLE5014 Datasheet HTML 30Page - Infineon Technologies AG TLE5014 Datasheet HTML 31Page - Infineon Technologies AG TLE5014 Datasheet HTML 32Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
SPC
Vth, falling
tmlow
tmtr
Vth, rising
Final Datasheet
28
Rev. 1.0
2018-04-04
TLE5014
Interfaces
Figure 4-3 SPC Master pulse timing
After a SPC frame is transmitted, it is necessary to wait for a specified delay time tframe,blanking , before the next
SPC trigger can be issued. This time is defined from the falling edge of the end pulse to the falling edge of the
trigger nibble (see Figure 4-4).
Table 4-6
SPC trigger for bus mode
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Master nibble low time
tmlow
912
UT
addr. 0
Master nibble low time
tmlow
19
23
UT
addr. 1
Master nibble low time
tmlow
35.5
40.5
UT
addr. 2
Master nibble low time
tmlow
61.5
67.5
UT
addr. 3
Table 4-7
SPC master pulse timing
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Threshold, falling edge
Vth,falling
35
% of
VDD
1)
1) Not subject to production test - verified by design/characterization
Threshold, rising edge
Vth,rising
50
% of
VDD
1)
Total trigger time
tmtr
90
UT
2) for constant trigger length
2) Trigger time in the sensor is fixed to the number of units specified in the “typ.” column, but the effective trigger time
varies due to the sensor’s clock variation
Total trigger time
tmtr
tmlow +
12
UT
2) for variable trigger length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com