Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5014 Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE5014
Description  Giant Magneto Resistance (GMR)-based principle
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5014 Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE5014 Datasheet HTML 16Page - Infineon Technologies AG TLE5014 Datasheet HTML 17Page - Infineon Technologies AG TLE5014 Datasheet HTML 18Page - Infineon Technologies AG TLE5014 Datasheet HTML 19Page - Infineon Technologies AG TLE5014 Datasheet HTML 20Page - Infineon Technologies AG TLE5014 Datasheet HTML 21Page - Infineon Technologies AG TLE5014 Datasheet HTML 22Page - Infineon Technologies AG TLE5014 Datasheet HTML 23Page - Infineon Technologies AG TLE5014 Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
Final Datasheet
20
Rev. 1.0
2018-04-04
TLE5014
Specification
3.3.3
Angle Performance
After internal angle calculation, the sensor has a remaining error, as shown in Table 3-11 for an ambient
temperature range up to 85°C and a reduced magnetic field range and in Table 3-12 for the ambient
temperature range up to 125°C and full magnetic operating range. The error value refers to BZ= 0mT.
The overall angle error represents the relative angle error. This error describes the deviation from the
reference line after zero-angle definition. It is valid for a static magnetic field.
If the magnetic field is rotating during the measurement, an additional propagation error is caused by the
angle delay time (see Table 3-9).
Table 3-11 Angle Error for -40°C < TA < 85°C and magnetic field range 33mT < B < 50mT
Parameter
Symbol
Values
Unit Note / Test Condition
Min.
Typ.
Max.
Accuracy1) over temperature
w/o look-up table
1) Hysteresis and noise are included in the angle accuracy specification
AErr,T
0.8
°
0h2), over temperature
2) “0h” is the condition when the part leaves the production at Infineon
Accuracy1) over temperature
and lifetime,
w/o look-up table
AErr,s
0.9
°
lifetime stress:
TA=85°C/1000h/50mT
Accuracy1)3) over
temperature and lifetime,
with look-up table
3) Verified by characterization
AErr,sLUT
0.65
°
lifetime stress:
TA=85°C/1000h/50mT
with look-up table correction
Hysteresis4)
4) Hysteresis is the maximum difference of the angle value for forward and backward rotation
AHyst
0.1
0.16
°
value includes quantization
error of 12bit angle output
Table 3-12 Angle Error for -40°C < TA < 125°C
Parameter
Symbol
Values
Unit Note / Test Condition
Min.
Typ.
Max.
Accuracy1) over temperature
w/o look-up table
1) Hysteresis and noise are included in the angle accuracy specification
AErr,T
0.8
°
0h2), over temperature
B = 33mT to 80mT3)
2) “0h” is the condition when the part leaves the production at Infineon
3) For the magnetic field range of 25mT < B < 33mT, 0.2° have to be added to the max. angle accuracy
Accuracy1) over temperature
and lifetime,
w/o look-up table
AErr,s
1.0
°
33mT…80mT3)
lifetime stress: TA=125°C/2000h
Accuracy1)4) over
temperature and lifetime,
with look-up table
4) Verified by characterization
AErr,sLUT
0.85
°
B = 33mT to 80mT3),
lifetime stress: TA=125°C/2000h
with look-up table correction
Hysteresis5)
AHyst
0.1
0.16
°
B = 33mT to 80mT6), value
includes quantization error of
12bit angle output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com