Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5014 Datasheet(PDF) 33 Page - Infineon Technologies AG

Part # TLE5014
Description  Giant Magneto Resistance (GMR)-based principle
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5014 Datasheet(HTML) 33 Page - Infineon Technologies AG

Back Button TLE5014 Datasheet HTML 29Page - Infineon Technologies AG TLE5014 Datasheet HTML 30Page - Infineon Technologies AG TLE5014 Datasheet HTML 31Page - Infineon Technologies AG TLE5014 Datasheet HTML 32Page - Infineon Technologies AG TLE5014 Datasheet HTML 33Page - Infineon Technologies AG TLE5014 Datasheet HTML 34Page - Infineon Technologies AG TLE5014 Datasheet HTML 35Page - Infineon Technologies AG TLE5014 Datasheet HTML 36Page - Infineon Technologies AG TLE5014 Datasheet HTML 37Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
Synchronisation
Frame
Status Nibble
Data Nibble 1
Data Nibble 3
Data Nibble 2
tlow
Final Datasheet
33
Rev. 1.0
2018-04-04
TLE5014
Interfaces
The nibble low time tlow can be configured to be 3UT or 5UT. This can reduce the overall frame length. The low
time includes the fall time of the edge, therefore it has to be ensured that the fall time of the edge is fast
enough to reach the low level within the configured low time (Figure 4-9).
Note: A nibble low time of 3UT is not compliant with the SENT standard SAE J2716 JAN2010.
Figure 4-9 SENT nibble low time
Rolling counter
This 8bit counter counts the number of transmitted frames with rollover back to 0 and increment with each
message. This counter is for verification in the ECU that no frame is missed or that no frame is sent repeatedly
from the sensor. The rolling counter nibbles are sent after the 3rd data nibble.
SENT data range and error indication
There are two options for the data range and error indication.
• 0°... 360° are mapped to 12bit, i.e. 0... 4095. This information is coded in the three data nibbles. In case of
an internal chip error or a start-up error (BIST error), the status bit [0] of the status nibble is set. An angle
value is transmitted but might not be valid due to the occurred error.
• 0° ... 360° are mapped to 1 ... 4088. In case of an internal sensor error or start-up error (BIST error), the
message “4091” is transmitted and the status bit [0] of the status nibble is set. In case the sensor performs
a reset, the first transmitted status nibble has the status bit [0] set but a valid angle value (within the range
0... 4088) is transmitted with the 3 data nibbles.
4.4.1
Checksum Nibble Details
The checksum nibble is a 4-bit CRC of the data nibbles and is not including the status nibble. The CRC is
calculated using a polynomial x4+x3+x2+1 with a seed value of 0101B. The remainder after the last data nibble
is transmitted as CRC.
4.4.2
SENT Features
Pause Pulse
There is an optional pause pulse which can be activated or deactivated via corresponding bits in the EEPROM.
The pause pulse is implemented in a way that the total frame length is adjusted to 282UT (for option with 6
data nibbles, single secure sensor) or 203UT (3 data nibbles, standard sensor).
Table 4-10 Structure of SENT status nibble
Bits
Description
[0] LSB
error indication or start-up (BIST) error or sensor reset
[1]
reserved
[2]
short serial message bit (data bit)
[3] MSB
short serial message bit (start indication)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com