Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5014 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE5014
Description  Giant Magneto Resistance (GMR)-based principle
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5014 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE5014 Datasheet HTML 5Page - Infineon Technologies AG TLE5014 Datasheet HTML 6Page - Infineon Technologies AG TLE5014 Datasheet HTML 7Page - Infineon Technologies AG TLE5014 Datasheet HTML 8Page - Infineon Technologies AG TLE5014 Datasheet HTML 9Page - Infineon Technologies AG TLE5014 Datasheet HTML 10Page - Infineon Technologies AG TLE5014 Datasheet HTML 11Page - Infineon Technologies AG TLE5014 Datasheet HTML 12Page - Infineon Technologies AG TLE5014 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
Final Datasheet
9
Rev. 1.0
2018-04-04
TLE5014
Functional Description
1.4
Pin Configuration
10
11
12
13
14
15
16
1
9
8
7
6
5
4
3
2
1
Center of
Sensitive area
Figure 1-3 Pin configuration (top view)
1.5
Pin Description
The following Table 1-1 describes the pin-out of the chip.
Table 1-1
Pin Description
Pin No.
Symbol
In/Out
Function
1
IF1
I
address coding for programming in bus mode,
(see Table 4-5)
connect to GND for SENT / PWM interface
2
IF2
I
address coding for programming in bus mode,
(see Table 4-5)
connect to GND for SENT / PWM interface
3
IF3
I
connect to IFC
4
VDD
-
supply voltage, positive
5
GND
-
supply voltage, ground
6
IFA
-
connect to GND.
7
IFB
I/O
SENT / SPC / PWM / SICI interface
8
IFC
O
address coding for programming in bus mode,
(see Table 4-5)
connect to IF3
9-16
-
-
n.c.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com