Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5014 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE5014
Description  Giant Magneto Resistance (GMR)-based principle
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5014 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE5014 Datasheet HTML 9Page - Infineon Technologies AG TLE5014 Datasheet HTML 10Page - Infineon Technologies AG TLE5014 Datasheet HTML 11Page - Infineon Technologies AG TLE5014 Datasheet HTML 12Page - Infineon Technologies AG TLE5014 Datasheet HTML 13Page - Infineon Technologies AG TLE5014 Datasheet HTML 14Page - Infineon Technologies AG TLE5014 Datasheet HTML 15Page - Infineon Technologies AG TLE5014 Datasheet HTML 16Page - Infineon Technologies AG TLE5014 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
Final Datasheet
13
Rev. 1.0
2018-04-04
TLE5014
Specification
The device qualification is done according to AEC Q100 Grade 1 for ambient temperature range -40°C < TA <
125°C
3.2
Operating Range
The following operating conditions must not be exceeded in order to ensure correct operation of the angle
sensor. All parameters specified in the following sections refer to these operating conditions, unless otherwise
noted. Table 3-5 is valid for -40°C < TA < 125°C unless otherwise noted.
Magnetic Field Range
Table 3-3
Mission Profile
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Mission Profile
TA,max
125
°C
for 2000h
Table 3-4
Lifetime & Ignition Cycles
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Operating life time
top_life
15.000 h
see Table 3-3 for mission profile
Total life time
ttot_life
19
a
additional 2a storage time1)
1) The lifetime shall be considered as an anticipation with regard to the product that shall not extend the warranty
period
Ignition cycles
Nignition
200.000
during operating lifetime top_life
Table 3-5
Operating Range
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Operating supply voltage
VDD
4.2
5.5
V
-
Supply Voltage Slew Rate
VDD_slew
0.1
108
V/s
-
Operating ambient
temperature
TA
-40
125
°C
-
Angle speed
n
10000 °/s
-
Min/max value for pull-up
resistor for SENT
Rp
10
55
kOhm for SENT protocol
Min/max value for pull-up
resistor for SPC
Rp
1.45
2.2
kOhm for SPC protocol
Value for pull-down resistor
for PWM
Rp
50
kOhm for PWM protocol starting with
rising edge
Value for pull-up resistor for
PWM
Rp
50
kOhm for PWM protocol starting with
falling edge
Capacitive output load on
interface (SPC, SENT, PWM)
Cw
35001)
1) Larger load capacitance up to 7nF is possible but may influence rise / fall time of the signal
pF
incl. external circuit and cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com