Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5014 Datasheet(PDF) 36 Page - Infineon Technologies AG

Part # TLE5014
Description  Giant Magneto Resistance (GMR)-based principle
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5014 Datasheet(HTML) 36 Page - Infineon Technologies AG

Back Button TLE5014 Datasheet HTML 32Page - Infineon Technologies AG TLE5014 Datasheet HTML 33Page - Infineon Technologies AG TLE5014 Datasheet HTML 34Page - Infineon Technologies AG TLE5014 Datasheet HTML 35Page - Infineon Technologies AG TLE5014 Datasheet HTML 36Page - Infineon Technologies AG TLE5014 Datasheet HTML 37Page - Infineon Technologies AG TLE5014 Datasheet HTML 38Page - Infineon Technologies AG TLE5014 Datasheet HTML 39Page - Infineon Technologies AG TLE5014 Datasheet HTML 40Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
Final Datasheet
36
Rev. 1.0
2018-04-04
TLE5014
End of Line Configuration
5
End of Line Configuration
Several parameters can be programmed via the single wire interface SICI end of line. No additional
programming pin is required, programming is performed via the output pin. Further details can be found in
the corresponding user manual.
5.1
Angle Base and Rotation Direction
An angle base value can be stored in the EEPROM. The output angle value is then referenced to this angle base.
It is also possible to define the rotation direction, i.e. for a given magnet rotation direction the output angle
value can either be selected to increase or decrease.
5.2
Customer ID
A total storage of 112bits in the EEPROM is reserved for customer specific data (e.g. customer module ID,
etc...). This data can be written via SICI interface. The read-out of the first 32bits of this data can be done with
the short serial message feature during operation as a slow message (only SENT and SPC interface). The
remaining 80bits can only be addressed via SICI and are not asccessible during operation.
5.3
Look-up Table
To increase the sensor performance and angle accuracy, a look-up table with 32 points can optionally be used.
Non-linearity errors coming for example from a misaligned magnetic circuit can thus be compensated. It is
necessary to have an external angle reference for this calibration. The sensor output values at predefined,
precise positions (0°, 11.25°, 22.5°, ...), given by the external reference, have to be determined. These 32 values
are stored in the corresponding EEPROM registers. The sensor performs a linear interpolation between these
reference points for the output value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com