Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5014 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE5014
Description  Giant Magneto Resistance (GMR)-based principle
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5014 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE5014 Datasheet HTML 1Page - Infineon Technologies AG TLE5014 Datasheet HTML 2Page - Infineon Technologies AG TLE5014 Datasheet HTML 3Page - Infineon Technologies AG TLE5014 Datasheet HTML 4Page - Infineon Technologies AG TLE5014 Datasheet HTML 5Page - Infineon Technologies AG TLE5014 Datasheet HTML 6Page - Infineon Technologies AG TLE5014 Datasheet HTML 7Page - Infineon Technologies AG TLE5014 Datasheet HTML 8Page - Infineon Technologies AG TLE5014 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
Final Datasheet
1
Rev. 1.0
www.infineon.com
2018-04-04
TLE5014
Features
• Giant Magneto Resistance (GMR)-based principle
• Integrated magnetic field sensing for angle measurement
• 360° angle measurement
• High voltage and reverse polarity capability
• EEPROM for storage of configuration (e.g. zero angle) and customer
specific ID
• 12 bit representation of absolute angle value on the output
• Max. 1° angle error over lifetime and temperature range
• Developed according to ISO26262 with process complying to ASIL-D
• Internal safety mechanisms with a SPFM > 97%
• Interfaces: PWM, SPC, SENT (based on SAE J2716-2010)
• 32 point look-up table to correct for systematic angle errors (e.g. magnetic circuit)
• 112 bit customer ID (programmable)
• Automotive qualified Q100, Grade 1: -40°C to 125°C (ambient temperature)
•ESD: 4kV (HBM) on VDD and output pin
• RoHS compliant and halogen free package
Functional Safety
• Safety Manual and Safety Analysis Summary Report available on request
Applications
The TLE5014 GMR-based angle sensor is designed for angular position sensing in automotive applications
with focus on steering angle sensor.
Description
Table 0-1
Derivative Ordering codes (see Chapter 6 for description of derivatives)
Product Type
Marking
Ordering Code
Package
Comment
TLE5014P16
014P
SP001231814
PG-TDSO-16
PWM Interface
TLE5014S16
014S
SP001231818
PG-TDSO-16
SENT Interface
TLE5014C16
014C
SP001231806
PG-TDSO-16
SPC Interface


Similar Part No. - TLE5014

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE5014C16D INFINEON-TLE5014C16D Datasheet
438Kb / 13P
Giant Magneto Resistance (GMR)-based principle
Rev. 1.0 2018-04-04
TLE5014D INFINEON-TLE5014D Datasheet
438Kb / 13P
Giant Magneto Resistance (GMR)-based principle
Rev. 1.0 2018-04-04
TLE5014P16D INFINEON-TLE5014P16D Datasheet
438Kb / 13P
Giant Magneto Resistance (GMR)-based principle
Rev. 1.0 2018-04-04
TLE5014S16D INFINEON-TLE5014S16D Datasheet
438Kb / 13P
Giant Magneto Resistance (GMR)-based principle
Rev. 1.0 2018-04-04
TLE5014SP16E0001 INFINEON-TLE5014SP16E0001 Datasheet
892Kb / 29P
GMR-based Angle Sensor
Rev. 1.1 2019-04-04
More results

Similar Description - TLE5014

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
DM-111A SONY-DM-111A Datasheet
140Kb / 7P
Magneto-Resistance Element
logo
Infineon Technologies A...
GMRB6 INFINEON-GMRB6 Datasheet
40Kb / 4P
Giant Magneto Resistive Position Sensor
2000-07-01
logo
List of Unclassifed Man...
GMRC6 ETC-GMRC6 Datasheet
146Kb / 3P
GIANT MAGNETO RESISTIVE POSITION POSITION SENSOR
logo
Infineon Technologies A...
GMRS6 INFINEON-GMRS6 Datasheet
29Kb / 3P
Giant Magneto Resistive Position Sensor
1999-04-01
GMRS4 INFINEON-GMRS4 Datasheet
33Kb / 3P
Giant Magneto Resistive Position Sensor
1999-04-01
TLI5012BE1000 INFINEON-TLI5012BE1000_15 Datasheet
2Mb / 37P
GMR-Based Angle Sensor
Rev. 1.1, 2015-09
TLE5009-E2000 INFINEON-TLE5009-E2000 Datasheet
1Mb / 32P
GMR-Based Angular Sensor
Rev. 1.1, 2012-04
TLE5012B INFINEON-TLE5012B Datasheet
2Mb / 50P
Giant Magneto Resistance (GMR)-based principle
Rev. 2.0, 2014-02
TLE5014D INFINEON-TLE5014D Datasheet
438Kb / 13P
Giant Magneto Resistance (GMR)-based principle
Rev. 1.0 2018-04-04
TLE5014SP16E0001 INFINEON-TLE5014SP16E0001 Datasheet
892Kb / 29P
GMR-based Angle Sensor
Rev. 1.1 2019-04-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com