Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5014 Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # TLE5014
Description  Giant Magneto Resistance (GMR)-based principle
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5014 Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button TLE5014 Datasheet HTML 26Page - Infineon Technologies AG TLE5014 Datasheet HTML 27Page - Infineon Technologies AG TLE5014 Datasheet HTML 28Page - Infineon Technologies AG TLE5014 Datasheet HTML 29Page - Infineon Technologies AG TLE5014 Datasheet HTML 30Page - Infineon Technologies AG TLE5014 Datasheet HTML 31Page - Infineon Technologies AG TLE5014 Datasheet HTML 32Page - Infineon Technologies AG TLE5014 Datasheet HTML 33Page - Infineon Technologies AG TLE5014 Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
Synchronisation
Frame
Status Nibble
Data Nibble 1
Data Nibble 3
Data Nibble 2
tlow
Final Datasheet
30
Rev. 1.0
2018-04-04
TLE5014
Interfaces
Figure 4-6 SPC nibble low time
4.3.2
SPC Features
Rolling counter
This 4bit counter counts the number of transmitted frames with rollover back to 0 and increment with each
message. This counter is for verification in the ECU that no frame is missed or that no frame is sent repeatedly
from the sensor. The rolling counter nibble is sent after the 3rd data nibble and before the CRC nibble.
The rolling counter nibble can be disabled, but to meet the safety requirements and target ASIL level of the
application, this is not recommended.
Optional, the rolling counter can be included in the CRC nibble, thus reducing the total number of nibbles and
therefore the total frame length. In this case, the rolling counter is reduced to a 2bit value. Further details can
be found in Chapter 4.3.3
Short Serial Message
The short serial message is an additional option which can be enabled and disabled. The short serial message
provides additional information in a slow channel transmitting a 8bit temperature value, a 16bit word
containing angle base & rotation direction information and a 32bit sensor ID.
In each SPC frame, one bit of information is transmitted. The start of the short serial message is indicated by
a “1” in bit [1] of the status nibble. For the next 15 SPC frames, this bit will contain a “0”. Information is
transmitted in blocks of 16bit with 1 bit per SPC frame in bit [0] of the status nibble.
4 bit message ID
8 bit data
4bit CRC (calculated from message ID and data bits)
The message ID is used for identification of the type of data received. All data are transmitted in the bit [0] of
the status nibble in the order MSB to LSB.
The transmitted information is as follows:
Message -ID 0: 8bit temperature value starting with MSB
Message -ID 1: 8bit of angle base (starting with MSB) address 0x00A0, bit [15:8]
Message -ID 2: 8bit of angle base (starting with MSB-8) address 0x00A0, bit [7:0]
Message -ID 3: 8bit temperature value starting with MSB
Message -ID 4: 8bit of sensor ID1 (starting with MSB) address 0x00F2, bit [15:8]
Message -ID 5: 8bit of sensor ID1 (starting with MSB-8) address 0x00F2, bit [7:0]
Message -ID 6: 8bit of sensor ID2 (starting with MSB) address 0x00F4, bit [15:8]
Message -ID 7: 8bit of sensor ID2 (starting with MSB-8) address 0x00F4, bit [7:0]
Message -ID 8 to Message -ID 15: Message -ID 0 to Message -ID 7 will be repeated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com