Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5014 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE5014
Description  Giant Magneto Resistance (GMR)-based principle
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5014 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE5014 Datasheet HTML 15Page - Infineon Technologies AG TLE5014 Datasheet HTML 16Page - Infineon Technologies AG TLE5014 Datasheet HTML 17Page - Infineon Technologies AG TLE5014 Datasheet HTML 18Page - Infineon Technologies AG TLE5014 Datasheet HTML 19Page - Infineon Technologies AG TLE5014 Datasheet HTML 20Page - Infineon Technologies AG TLE5014 Datasheet HTML 21Page - Infineon Technologies AG TLE5014 Datasheet HTML 22Page - Infineon Technologies AG TLE5014 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
Final Datasheet
19
Rev. 1.0
2018-04-04
TLE5014
Specification
3.3.2
ESD Protection
Table 3-10 ESD Voltage
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Electro-Static-Discharge
voltage (HBM), according to
ANSI/ESDA/JEDEC JS-001
VHBM
±4
kV
HBM contact discharge
for pins VDD, GND, IFB
Electro-Static-Discharge
voltage (HBM), according to
ANSI/ESDA/JEDEC JS-001
VHBM
±2
kV
HBM contact discharge
for pins IF1, IF2, IF3, IFA, IFC
Electro-Static-Discharge
voltage (CDM), according to
JESD22-C101
VCDM
±0.5
kV
for all pins except corner pins
±0.75
kV
for corner pins only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com