Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5014 Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # TLE5014
Description  Giant Magneto Resistance (GMR)-based principle
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5014 Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button TLE5014 Datasheet HTML 28Page - Infineon Technologies AG TLE5014 Datasheet HTML 29Page - Infineon Technologies AG TLE5014 Datasheet HTML 30Page - Infineon Technologies AG TLE5014 Datasheet HTML 31Page - Infineon Technologies AG TLE5014 Datasheet HTML 32Page - Infineon Technologies AG TLE5014 Datasheet HTML 33Page - Infineon Technologies AG TLE5014 Datasheet HTML 34Page - Infineon Technologies AG TLE5014 Datasheet HTML 35Page - Infineon Technologies AG TLE5014 Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
Final Datasheet
32
Rev. 1.0
2018-04-04
TLE5014
Interfaces
4.4
SENT
Synchronisation
Frame
56 UT
12 … 27 UT
12 … 27 UT
12 … 27 UT
12 … 27 UT
12 … 27 UT
Status Nibble
Data Nibble 1
Data Nibble 3
Data Nibble 2
CRC
12 … 27 UT
12 … 27 UT
Inverted
Data Nibble 1
Rolling Counter Rolling Counter
12 … 27 UT
SENT Interface: A standardized, uni-directional digital protocol. The information is coded in nibbles with
different length. One nibble contains 4 bit of information. Beside the angle information also a status
information and a CRC is transmitted.
The SENT protocol is implemented according to the standard SAE J2716 JAN2010. The unit time UT is
configurable according to Table 4-9.
Two different sensor configurations are possible:
Single Secure Sensor:
The protocol consists of following nibbles
• A synchronization period (56UT)
• A status nibble of 12-27 UT
• 3 data nibbles of 12-27 UT, transmitting a 12bit angle value
• 2 nibbles with a 8bit rolling counter information
• 1 nibble as the inverted 1st data nibble
• A CRC nibble of 12-27 UT
• A pause pulse, this is optional and can be deactivated
• A short serial message, this is optional and can be deactivated
Standard Sensor:
The protocol consists of following nibbles
• A synchronization period (56UT)
• A status nibble of 12-27 UT
• 3 data nibbles of 12-27 UT, transmitting a 12bit angle value
• A CRC nibble of 12-27 UT
• A pause pulse, this is optional and can be deactivated
• A short serial message, this is optional and can be deactivated
Figure 4-8 SENT frame example, implementation: single secure sensor without pause pulse
Table 4-9
SENT unit times
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
SENT unit time
UT
1.5
3.0
µs
configurable in steps of 0.5µs.
tolerance given by clock
tolerance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com