Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5014 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE5014
Description  Giant Magneto Resistance (GMR)-based principle
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5014 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE5014 Datasheet HTML 3Page - Infineon Technologies AG TLE5014 Datasheet HTML 4Page - Infineon Technologies AG TLE5014 Datasheet HTML 5Page - Infineon Technologies AG TLE5014 Datasheet HTML 6Page - Infineon Technologies AG TLE5014 Datasheet HTML 7Page - Infineon Technologies AG TLE5014 Datasheet HTML 8Page - Infineon Technologies AG TLE5014 Datasheet HTML 9Page - Infineon Technologies AG TLE5014 Datasheet HTML 10Page - Infineon Technologies AG TLE5014 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
Final Datasheet
7
Rev. 1.0
2018-04-04
TLE5014
Functional Description
Digital Signal Processing Unit ISM_SAF
The Digital Signal Processing Unit ISM_SAF performs the internal safety mechanism and plausibility checks.
Furthermore, a second CORDIC algorithm is implemented in a diverse way as in the ISM_ALG. This is for cross
checking the angle calculation
Interface
The Interface block is used to generate the PWM, SENT and SPC signals
Angle Compare
This digital block compares the angle value calculated by ISM_ALG and ISM_SAF. In case they are not identical,
an error is indicated in the transmitted protocol.
EEPROM
The EEPROM contains the configuration and calibration parameters. A part of the EEPROM can be accessed by
the customer for application specific configuration of the device. Programming of the EEPROM is achieved
with the SICI interface. Programming mode can be accessed directly after power-up of the IC.
1.3
Sensing Principle
The Giant Magneto Resistance (GMR) sensor is implemented using vertical integration. This means that the
GMR-sensitive areas are integrated above the logic part of the TLE5014 device. These GMR elements change
their resistance depending on the direction of the magnetic field.
Four individual GMR elements are connected to one Wheatstone sensor bridge. These GMR elements sense
one of two components of the applied magnetic field:
•X component, Vx (cosine) or the
•Y component, Vy (sine)
With this full-bridge structure the maximum GMR signal is available and temperature effects cancel out each
other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com