Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5014 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE5014
Description  Giant Magneto Resistance (GMR)-based principle
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5014 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE5014 Datasheet HTML 8Page - Infineon Technologies AG TLE5014 Datasheet HTML 9Page - Infineon Technologies AG TLE5014 Datasheet HTML 10Page - Infineon Technologies AG TLE5014 Datasheet HTML 11Page - Infineon Technologies AG TLE5014 Datasheet HTML 12Page - Infineon Technologies AG TLE5014 Datasheet HTML 13Page - Infineon Technologies AG TLE5014 Datasheet HTML 14Page - Infineon Technologies AG TLE5014 Datasheet HTML 15Page - Infineon Technologies AG TLE5014 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
Final Datasheet
12
Rev. 1.0
2018-04-04
TLE5014
Specification
3
Specification
3.1
Absolute Maximum Ratings
Stresses above the max. values listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability. Maximum ratings are absolute
ratings; exceeding only one of these values may cause irreversible damage to the device.
Table 3-1
Maximum Ratings for Voltages and Output Current
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Absolute maximum supply
voltage
VDD
-18
26
V
for 40h, no damage of device;
-18V means VDD < GND
Voltage Peaks
VDD
30
V
for 50µs, no current limitation
Absolute maximum voltage
for pin IFB
VIO
-18
19.5
V
for 40h; no damage of device,
-18V means VDD < GND
Absolute maximum voltage
for pin IF1, IF2, IF3, IFA, IFC
VIF
-0.3
6
V
no damage of device
Voltage Peaks (for pin IFB)
VIO
30
V
for 50µs, no current limitation
Maximum current through
output in case of short
circuit
Ishort
40
mA
for 40h, no damage of the
device, current limited by
device
Table 3-2
Maximum Temperature and Magnetic Field
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Maximum ambient
temperature
TA
-40
125
°C
Q100, Grade 1
Maximum allowed magnetic
field
B
200
mT
max 5 min @ TA = 25°C
Maximum allowed magnetic
field
B
150
mT
max 5 h @ TA = 25°C
Storage & Shipment1) 2)
1) Air-conditioning of ware houses, distribution centres etc. is not necessary, if the combination of the specified limits
of 75% R.H. and 40 °C will not be exceeded during storage for more than 10 events per year, irrespective of the
duration per event, and one of the specified limits (75 % R.H. or 40 °C) will not be exceeded for longer than 30 days
per year
2) See Infineon Application Note: “Storage of Products Supplied by Infineon Technologies”
Tstorage
5
40
°C
for dry packed devices,
Relative humidity < 90%,
storage time < 3a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com