Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5014 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE5014
Description  Giant Magneto Resistance (GMR)-based principle
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5014 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE5014 Datasheet HTML 6Page - Infineon Technologies AG TLE5014 Datasheet HTML 7Page - Infineon Technologies AG TLE5014 Datasheet HTML 8Page - Infineon Technologies AG TLE5014 Datasheet HTML 9Page - Infineon Technologies AG TLE5014 Datasheet HTML 10Page - Infineon Technologies AG TLE5014 Datasheet HTML 11Page - Infineon Technologies AG TLE5014 Datasheet HTML 12Page - Infineon Technologies AG TLE5014 Datasheet HTML 13Page - Infineon Technologies AG TLE5014 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
Final Datasheet
10
Rev. 1.0
2018-04-04
TLE5014
Application Circuits
2
Application Circuits
TLE5014
GND
µController
Master
100nF
VDD
VDD
GND
IF1
IF2
IF3
IFA
IFB
IFC
VµC
Rp
SPC
Cw
TLE5014
GND
µController
Master
100nF
VDD
VDD
GND
IF1
IF2
IF3
IFA
IFB
IFC
VµC
Rp
PWM
Cw
The application circuits in this chapter show the various communication possibilities of the TLE5014. To
improve robustness against electro-magnetic disturbances, a capacitor of 100nF on the supply and a
capacitor with minimum value of Cw = 1nF on the output pin is recommended. These capacitors shall be
placed as close as possible to the corresponding sensor pins.
Figure 2-1 Application circuit for SPC interface, with a SPC address ID = 0 defined by pin IF1 and IF2
Figure 2-2 Application circuit for PWM interface, protocol starting with a rising edge. For interface
configuration starting with a falling edge, a pull-up resistor is required instead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com