Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5014 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE5014
Description  Giant Magneto Resistance (GMR)-based principle
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5014 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE5014 Datasheet HTML 4Page - Infineon Technologies AG TLE5014 Datasheet HTML 5Page - Infineon Technologies AG TLE5014 Datasheet HTML 6Page - Infineon Technologies AG TLE5014 Datasheet HTML 7Page - Infineon Technologies AG TLE5014 Datasheet HTML 8Page - Infineon Technologies AG TLE5014 Datasheet HTML 9Page - Infineon Technologies AG TLE5014 Datasheet HTML 10Page - Infineon Technologies AG TLE5014 Datasheet HTML 11Page - Infineon Technologies AG TLE5014 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
0°
10
11
12
13
14
15
16
1
9
8
7
6
5
4
3
2
1
Reference Direction:
Resistance low when
external magnetic field is
in this direction
Y
X
Final Datasheet
8
Rev. 1.0
2018-04-04
TLE5014
Functional Description
Figure 1-2 Sensitive bridges of the GMR sensor (not to scale)
Attention:
Due to the rotational placement inaccuracy of the sensor IC in the package, the sensors 0° position
may deviate by up to 3° from the package edge direction indicated in Figure 1-2.
In Figure 1-2 the arrows in the resistors represent the magnetic direction which is fixed in the reference layer.
If the external magnetic field is parallel to the direction of the Reference Layer, the resistance is minimal. If
they are anti-parallel, resistance is maximal.
The output signal of each bridge is only unambiguous over 180° between two maxima. Therefore two bridges
are oriented orthogonally to each other to measure 360°.
With the trigonometric function ARCTAN2, the true 360° angle value is calculated out of the raw X and Y signals
from the sensor bridges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com