Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2517FD Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP2517FD
Description  External CAN FD Controller with SPI Interface
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2517FD Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP2517FD Datasheet HTML 21Page - Microchip Technology MCP2517FD Datasheet HTML 22Page - Microchip Technology MCP2517FD Datasheet HTML 23Page - Microchip Technology MCP2517FD Datasheet HTML 24Page - Microchip Technology MCP2517FD Datasheet HTML 25Page - Microchip Technology MCP2517FD Datasheet HTML 26Page - Microchip Technology MCP2517FD Datasheet HTML 27Page - Microchip Technology MCP2517FD Datasheet HTML 28Page - Microchip Technology MCP2517FD Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 98 page
background image
 2017-2018 Microchip Technology Inc.
DS20005688B-page 25
MCP2517FD
bit 23-21
OPMOD<2:0>
: Operation Mode Status bits
000
= Module is in Normal CAN FD mode; supports mixing of CAN FD and Classic CAN 2.0 frames
001
= Module is in Sleep mode
010
= Module is in Internal Loopback mode
011
= Module is in Listen Only mode
100
= Module is in Configuration mode
101
= Module is in External Loopback mode
110
= Module is Normal CAN 2.0 mode; possible error frames on CAN FD frames
111
= Module is Restricted Operation mode
bit 20
TXQEN
: Enable Transmit Queue bit( 1)
1
= Enables TXQ and reserves space in RAM
0
= Don’t reserve space in RAM for TXQ
bit 19
STEF
: Store in Transmit Event FIFO bit( 1)
1
= Saves transmitted messages in TEF and reserves space in RAM
0
= Don’t save transmitted messages in TEF
bit 18
SERR2LOM
: Transition to Listen Only Mode on System Error bit( 1)
1
= Transition to Listen Only Mode
0
= Transition to Restricted Operation Mode
bit 17
ESIGM
: Transmit ESI in Gateway Mode bit( 1)
1
= ESI is transmitted recessive when ESI of message is high or CAN controller error passive
0
= ESI reflects error status of CAN controller
bit 16
RTXAT
: Restrict Retransmission Attempts bit( 1)
1
= Restricted retransmission attempts, CiFIFOCONm.TXAT is used
0
= Unlimited number of retransmission attempts, CiFIFOCONm.TXAT will be ignored
bit 15-13
Unimplemented
: Read as ‘0’
bit 12
BRSDIS
: Bit Rate Switching Disable bit
1
= Bit Rate Switching is Disabled, regardless of BRS in the Transmit Message Object
0
= Bit Rate Switching depends on BRS in the Transmit Message Object
bit 11
BUSY
: CAN Module is Busy bit
1
= The CAN module is transmitting or receiving a message
0
= The CAN module is inactive
bit 10-9
WFT<1:0>
: Selectable Wake-up Filter Time bits
00
= T00FILTER
01
= T01FILTER
10
= T10FILTER
11
= T11FILTER
Note:
Please refer to Table 7-5.
bit 8
WAKFIL
: Enable CAN Bus Line Wake-up Filter bit( 1)
1
= Use CAN bus line filter for wake-up
0
= CAN bus line filter is not used for wake-up
bit 7
Unimplemented
: Read as ‘0’
bit 6
PXEDIS
: Protocol Exception Event Detection Disabled bit( 1)
A recessive “res bit” following a recessive FDF bit is called a Protocol Exception.
1
= Protocol Exception is treated as a Form Error.
0
= If a Protocol Exception is detected, the CAN FD Controller Module will enter Bus Integrating state.
bit 5
ISOCRCEN
: Enable ISO CRC in CAN FD Frames bit( 1)
1
= Include Stuff Bit Count in CRC Field and use Non-Zero CRC Initialization Vector according to ISO
11898-1:2015
0
= Do NOT include Stuff Bit Count in CRC Field and use CRC Initialization Vector with all zeros
REGISTER 3-6:
CiCON – CAN CONTROL REGISTER (CONTINUED)
Note 1:
These bits can only be modified in Configuration mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com