Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2517FD Datasheet(PDF) 75 Page - Microchip Technology

Part # MCP2517FD
Description  External CAN FD Controller with SPI Interface
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2517FD Datasheet(HTML) 75 Page - Microchip Technology

Back Button MCP2517FD Datasheet HTML 71Page - Microchip Technology MCP2517FD Datasheet HTML 72Page - Microchip Technology MCP2517FD Datasheet HTML 73Page - Microchip Technology MCP2517FD Datasheet HTML 74Page - Microchip Technology MCP2517FD Datasheet HTML 75Page - Microchip Technology MCP2517FD Datasheet HTML 76Page - Microchip Technology MCP2517FD Datasheet HTML 77Page - Microchip Technology MCP2517FD Datasheet HTML 78Page - Microchip Technology MCP2517FD Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 98 page
background image
 2017-2018 Microchip Technology Inc.
DS20005688B-page 75
MCP2517FD
7.0
ELECTRICAL SPECIFICATIONS
7.1
Absolute Maximum Ratings†
VDD.............................................................................................................................................................. –0.3V to 6.0V
DC Voltage at all I/O w.r.t GND ........................................................................................................–0.3V to VDD + 0.3V
Virtual Junction Temperature, TVJ (IEC60747-1) ................................................................................... –40°C to +165°C
Soldering temperature of leads (10 seconds) ....................................................................................................... +300°C
ESD protection on all pins (IEC 801; Human Body Model)...................................................................................... ±4 kV
ESD protection on all pins (IEC 801; Machine Model) ............................................................................................±400V
ESD protection on all pins (IEC 801; Charge Device Model)..................................................................................±750V
† NOTICE:
Stresses above those listed under “Maximum ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at those or any other conditions above those indicated in
the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods
may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com