Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2517FD Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP2517FD
Description  External CAN FD Controller with SPI Interface
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2517FD Datasheet(HTML) 1 Page - Microchip Technology

  MCP2517FD Datasheet HTML 1Page - Microchip Technology MCP2517FD Datasheet HTML 2Page - Microchip Technology MCP2517FD Datasheet HTML 3Page - Microchip Technology MCP2517FD Datasheet HTML 4Page - Microchip Technology MCP2517FD Datasheet HTML 5Page - Microchip Technology MCP2517FD Datasheet HTML 6Page - Microchip Technology MCP2517FD Datasheet HTML 7Page - Microchip Technology MCP2517FD Datasheet HTML 8Page - Microchip Technology MCP2517FD Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 98 page
background image
 2017-2018 Microchip Technology Inc.
DS20005688B-page 1
MCP2517FD
Features
General
• External CAN FD Controller with SPI Interface
• Arbitration Bit Rate up to 1 Mbps
• Data Bit Rate up to 8 Mbps
• CAN FD Controller modes
- Mixed CAN 2.0B and CAN FD mode
- CAN 2.0B mode
• Conforms to ISO 11898-1:2015
Message FIFOs
• 31 FIFOs, configurable as transmit or receive
FIFOs
• One Transmit Queue (TXQ)
• Transmit Event FIFO (TEF) with 32 bit time stamp
Message Transmission
• Message transmission prioritization:
- Based on priority bit field, and/or
- Message with lowest ID gets transmitted first
using the Transmit Queue (TXQ)
• Programmable automatic retransmission
attempts: unlimited, 3 attempts or disabled
Message Reception
• 32 Flexible Filter and Mask Objects
• Each object can be configured to filter either:
- Standard ID + first 18 data bits, or
- Extended ID
• 32-bit Time Stamp
Special Features
•VDD: 2.7 to 5.5V
• Active current: max. 20 mA at 5.5 V, 40 MHz CAN
clock
• Sleep current: 10 µA, typical
• Message objects are located in RAM: 2 KB
• Up to 3 configurable interrupt pins
• Bus Health Diagnostics and Error counters
• Transceiver standby control
• Start of frame pin for indicating the beginning of
messages on the bus
• Temperature ranges:
- High (H): –40°C to +150°C
Oscillator Options
• 40, 20 or 4 MHz crystal, or ceramic resonator; or
external clock input
• Clock output with prescaler
SPI Interface
• Up to 20 MHz SPI clock speed
• Supports SPI modes 0,0 and 1,1
• Registers and bit fields are arranged in a way to
enable efficient access via SPI
Safety Critical Systems
• SPI commands with CRC to detect noise on SPI
interface
• Error Correction Code (ECC) protected RAM
Additional Features
• GPIO pins: INT0 and INT1 can be configured as
general purpose I/O
• Open drain outputs: TXCAN, INT, INT0, and INT1
pins can be configured as push/pull or open drain
outputs
Package Types
*VDFN14 includes an Exposed Thermal Pad (EP); see
Table 1-1
MCP2517FD
SOIC14
MCP2517FD
VDFN14 with wettable flanks*
EP*
1
2
3
4
11
12
13
14
TXCAN
OSC2
VDD
INT
SDI
SDO
nCS
CLKO/SOF
5
10
RXCAN
SCK
6
9
VSS
OSC1
INT0/GPIO0/XSTBY
7
8
INT1/GPIO1
1
2
3
4
11
12
13
14
TXCAN
OSC2
VDD
INT
SDI
SDO
nCS
CLKO/SOF
5
10
RXCAN
SCK
6
9
VSS
OSC1
INT0/GPIO0/XSTBY
7
8
INT1/GPIO1
External CAN FD Controller with SPI Interface


Similar Part No. - MCP2517FD

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2510 MICROCHIP-MCP2510 Datasheet
993Kb / 76P
Stand-Alone CAN Controller with SPI Interface
2000 - 2001
MCP2510 MICROCHIP-MCP2510 Datasheet
703Kb / 80P
Stand-Alone CAN Controller with SPIInterface
12/08/06
MCP2510-/P MICROCHIP-MCP2510-/P Datasheet
1Mb / 80P
Stand-Alone CAN Controller with SPI??Interface
2007
MCP2510-/SO MICROCHIP-MCP2510-/SO Datasheet
1Mb / 80P
Stand-Alone CAN Controller with SPI??Interface
2007
MCP2510-/ST MICROCHIP-MCP2510-/ST Datasheet
1Mb / 80P
Stand-Alone CAN Controller with SPI??Interface
2007
More results

Similar Description - MCP2517FD

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2510 MICROCHIP-MCP2510 Datasheet
993Kb / 76P
Stand-Alone CAN Controller with SPI Interface
2000 - 2001
MCP2515 MICROCHIP-MCP2515 Datasheet
1Mb / 84P
Stand-Alone CAN Controller With SPI??Interface
2005
MCP2515 MICROCHIP-MCP2515_12 Datasheet
1Mb / 92P
Stand-Alone CAN Controller with SPI Interface
2003-2012 11/29/11
MCP2510I-ST MICROCHIP-MCP2510I-ST Datasheet
1Mb / 80P
Stand-Alone CAN Controller with SPI??Interface
12/08/06
MCP2515-I MICROCHIP-MCP2515-I Datasheet
1Mb / 92P
Stand-Alone CAN Controller with SPI Interface
11/29/11
MCP2515-E MICROCHIP-MCP2515-E Datasheet
1Mb / 92P
Stand-Alone CAN Controller with SPI Interface
11/29/11
MCP2515T-E MICROCHIP-MCP2515T-E Datasheet
633Kb / 84P
Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2515T-ESTRB4 MICROCHIP-MCP2515T-ESTRB4 Datasheet
633Kb / 84P
Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP251863 MICROCHIP-MCP251863 Datasheet
2Mb / 106P
External CAN FD Controller with Integrated Transceiver
Revision A February 2022
MCP2518FD MICROCHIP-MCP2518FD Datasheet
993Kb / 96P
External CAN FD Controller with SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com