Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2517FD Datasheet(PDF) 76 Page - Microchip Technology

Part # MCP2517FD
Description  External CAN FD Controller with SPI Interface
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2517FD Datasheet(HTML) 76 Page - Microchip Technology

Back Button MCP2517FD Datasheet HTML 72Page - Microchip Technology MCP2517FD Datasheet HTML 73Page - Microchip Technology MCP2517FD Datasheet HTML 74Page - Microchip Technology MCP2517FD Datasheet HTML 75Page - Microchip Technology MCP2517FD Datasheet HTML 76Page - Microchip Technology MCP2517FD Datasheet HTML 77Page - Microchip Technology MCP2517FD Datasheet HTML 78Page - Microchip Technology MCP2517FD Datasheet HTML 79Page - Microchip Technology MCP2517FD Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 98 page
background image
MCP2517FD
DS20005688B-page 76
 2017-2018 Microchip Technology Inc.
TABLE 7-1:
DC CHARACTERISTICS
TABLE 7-2:
CLKOUT AND SOF AC CHARACTERISTICS
DC Specifications
Electrical Characteristics:
High (H): TAMB = –40°C to +150°C; VDD = 2.7V to 5.5V
Sym.
Characteristic
Min.
Typ.
Max.
Units
Conditions/Comments
VDD Pin
VDD
Voltage Range
2.7
5.5
V
RAM data retention guaranteed
VPORH
Power-on Reset Voltage
2.65
V
Highest voltage on VDD before
device releases POR
VPORL
Power-on Reset Voltage
2.2
V
Lowest voltage on VDD before
device asserts POR
SVDD
VDD Rise Rate to ensure
POR
0.05
V/ms Note 1
IDD
Supply Current
15
20
mA
40 MHz SYSCLK,
20 MHz SPI activity
IDDS
Sleep Current
10
60
A
Clock is stopped
TAMB ≤ +85°C (Note 1)
550
Clock is stopped
TAMB ≤ +150°C
Digital Input Pins:
VIH
High-Level Input Voltage
0.7 VDD
VDD + 0.3
V
VIL
Low-Level Input Voltage
–0.3
0.3 VDD
V
VOSCPP
OSC1 detection Voltage
0.5
V
Minimum peak-to-peak voltage on
OSC1 pin (Note 1)
ILI
Input Leakage Current
OSC1
–5
+5
A
All other
–1
+1
A
Digital Output Pins:
VOH
High-Level Output Voltage VDD – 0.7
VIOH =–2mA, VDD =2.7V
VOL
Low-Level Output Voltage
TXCAN
0.6
V
IOL =8mA, VDD = 2.7V
All other
0.6
V
IOL =2mA, VDD = 2.7V
Note
1:
Characterized; not 100% tested.
AC Specifications
Electrical Characteristics:
High (H): TAMB = -40°C to +150°C; VDD = 2.7V to 5.5V
Sym.
Characteristic
Min.
Typ.
Max.
Units
Conditions/Comments
TCLKOH
CLKO Output High
8
ns
@ 40 MHz (Note 1)
TCLKOL
CLKO Output Low
8
ns
Note 1
TCLKOR
CLKO Output Rise
5
ns
Note 1
TCLKOF
CLKO Output Fall
5
ns
Note 1
TSOFH
SOF Output High
31 TOSC
ns
Note 2
TSOFPD
SOF Propagation Delay:
RXCAN falling edge to SOF
rising edge
1 TOSC
ns
Note 2
Note 1:
Characterized; not 100% tested.
2:
Design guidance only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com