Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2517FD Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP2517FD
Description  External CAN FD Controller with SPI Interface
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2517FD Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP2517FD Datasheet HTML 29Page - Microchip Technology MCP2517FD Datasheet HTML 30Page - Microchip Technology MCP2517FD Datasheet HTML 31Page - Microchip Technology MCP2517FD Datasheet HTML 32Page - Microchip Technology MCP2517FD Datasheet HTML 33Page - Microchip Technology MCP2517FD Datasheet HTML 34Page - Microchip Technology MCP2517FD Datasheet HTML 35Page - Microchip Technology MCP2517FD Datasheet HTML 36Page - Microchip Technology MCP2517FD Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 98 page
background image
 2017-2018 Microchip Technology Inc.
DS20005688B-page 33
MCP2517FD
bit 6-0
ICODE[6:0]
: Interrupt Flag Code bits( 1)
1001011-1111111
= Reserved
1001010
= Transmit Attempt Interrupt (any bit in CiTXATIF set)
1001001
= Transmit Event FIFO Interrupt (any bit in CiTEFIF set)
1001000
= Invalid Message Occurred (IVMIF/IE)
1000111
= Operation Mode Change Occurred (MODIF/IE)
1000110
= TBC Overflow (TBCIF/IE)
1000101
= RX/TX MAB Overflow/Underflow (RX: message received before previous message was
saved to memory; TX: can't feed TX MAB fast enough to transmit consistent data.)
(SERRIF/IE)
1000100
= Address Error Interrupt (illegal FIFO address presented to system) (SERRIF/IE)
1000011
= Receive FIFO Overflow Interrupt (any bit in CiRXOVIF set)
1000010
= Wake-up interrupt (WAKIF/WAKIE)
1000001
= Error Interrupt (CERRIF/IE)
1000000
= No interrupt
0100000-0111111
= Reserved
0011111
= FIFO 31 Interrupt (TFIF<31> or RFIF<31> set)
...
0000001
= FIFO 1 Interrupt (TFIF<1> or RFIF<1> set)
0000000
= TXQ Interrupt (TFIF<0> set)
REGISTER 3-12:
CiVEC – INTERRUPT CODE REGISTER (CONTINUED)
Note 1:
If multiple interrupts are pending, the interrupt with the highest number will be indicated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com