Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2517FD Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP2517FD
Description  External CAN FD Controller with SPI Interface
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2517FD Datasheet(HTML) 3 Page - Microchip Technology

  MCP2517FD Datasheet HTML 1Page - Microchip Technology MCP2517FD Datasheet HTML 2Page - Microchip Technology MCP2517FD Datasheet HTML 3Page - Microchip Technology MCP2517FD Datasheet HTML 4Page - Microchip Technology MCP2517FD Datasheet HTML 5Page - Microchip Technology MCP2517FD Datasheet HTML 6Page - Microchip Technology MCP2517FD Datasheet HTML 7Page - Microchip Technology MCP2517FD Datasheet HTML 8Page - Microchip Technology MCP2517FD Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 98 page
background image
 2017-2018 Microchip Technology Inc.
DS20005688B-page 3
MCP2517FD
1.2
Pin Out Description
Table 1-1 describes the functions of the pins.
TABLE 1-1:
MCP2517FD STANDARD PINOUT VERSION
Pin Name
SOIC
VDFN
Pin Type
Description
TXCAN
1
1
O
Transmit output to CAN FD transceiver
RXCAN
2
2
I
Receive input from CAN FD transceiver
CLKO/SOF
3
3
O
Clock output/Start of Frame output
INT
4
4
O
Interrupt output (active low)
OSC2
5
5
O
External oscillator output
OSC1
6
6
I
External oscillator input
VSS
7
7
P
Ground
INT1/GPIO1
8
8
I/O
RX Interrupt output (active low)/GPIO
INT0/GPIO0/
XSTBY
9
9
I/O
TX Interrupt output (active low)/GPIO/
Transceiver Standby output
SCK
10
10
I
SPI clock input
SDI
11
11
I
SPI data input
SDO
12
12
O
SPI data output
nCS
13
13
I
SPI chip select input
VDD
14
14
P
Positive Supply
EP
-
15
P
Exposed Pad; connect to VSS
Legend:
P = Power, I = Input, O = Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com