Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2517FD Datasheet(PDF) 65 Page - Microchip Technology

Part # MCP2517FD
Description  External CAN FD Controller with SPI Interface
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2517FD Datasheet(HTML) 65 Page - Microchip Technology

Back Button MCP2517FD Datasheet HTML 61Page - Microchip Technology MCP2517FD Datasheet HTML 62Page - Microchip Technology MCP2517FD Datasheet HTML 63Page - Microchip Technology MCP2517FD Datasheet HTML 64Page - Microchip Technology MCP2517FD Datasheet HTML 65Page - Microchip Technology MCP2517FD Datasheet HTML 66Page - Microchip Technology MCP2517FD Datasheet HTML 67Page - Microchip Technology MCP2517FD Datasheet HTML 68Page - Microchip Technology MCP2517FD Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 98 page
background image
 2017-2018 Microchip Technology Inc.
Draft
DS20005688B-page 65
MCP2517FD
TABLE 3-6:
RECEIVE MESSAGE OBJECT
Word
Bit
31/23/15/7
Bit
30/22/14/6
Bit
29/21/13/5
Bit
28/20/12/4
Bit
27/19/11/3
Bit
26/18/10/2
Bit
25/17/9/1
Bit
24/16/8/0
R0
31:24
-—
-—
SID11
EID<17:6>
23:16
EID<12:5>
15:8
EID<4:0>
SID<10:8>
7:0
SID<7:0>
R1
31:24
-—
-—
-—
-—
-—
-—
-—
-—
23:16
-—
-—
-—
-—
-—
-—
-—
-—
15:8
FILHIT<4:0>
-—
-—
ESI
7:0
FDF
BRS
RTR
IDE
DLC<3:0>
R2 (2)
31:24
RXMSGTS<31:24>
23:16
RXMSGTS<23:16>
15:8
RXMSGTS<15:8>
7:0
RXMSGTS<7:0>
R3 (1)
31:24
Receive Data Byte 3
23:16
Receive Data Byte 2
15:8
Receive Data Byte 1
7:0
Receive Data Byte 0
R4
31:24
Receive Data Byte 7
23:16
Receive Data Byte 6
15:8
Receive Data Byte 5
7:0
Receive Data Byte 4
Ri
31:24
Receive Data Byte n
23:16
Receive Data Byte n-1
15:8
Receive Data Byte n-2
7:0
Receive Data Byte n-3
bit R0.31-30 Unimplemented: Read as ‘x’
bit R0.29
SID11:
In FD mode the standard ID can be extended to 12 bit using r1
bit R0.28-11 EID<17:0>: Extended Identifier
bit R0.10-0
SID<10:0>:
Standard Identifier
bit R1.31-16 Unimplemented: Read as ‘x’
bit R1.15-11 FILTHIT<4:0>: Filter Hit, number of filter that matched
bit R1.10-9
Unimplemented:
Read as ‘x’
bit R1.8
ESI:
Error Status Indicator
1 = Transmitting node is error passive
0 = Transmitting node is error active
bit R1.7
FDF:
FD Frame; distinguishes between CAN and CAN FD formats
bit R1.6
BRS:
Bit Rate Switch; indicates if data bit rate was switched
bit R1.5
RTR:
Remote Transmission Request; not used in CAN FD
bit R1.4
IDE:
Identifier Extension Flag; distinguishes between base and extended format
bit R1.3-0
DLC<3:0>:
Data Length Code
bit R2.31-0
RXMSGTS<31:0>:
Receive Message Time Stamp
Note 1:
RXMOBJ: Data Bytes 0-n: payload size is configured individually in the FIFO control register (CiFIFOCONm.PLSIZE<2:0>).
2:
R2 (RXMSGTS) only exits in objects where CiFIFOCONm.RXTSEN is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com