Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2517FD Datasheet(PDF) 44 Page - Microchip Technology

Part # MCP2517FD
Description  External CAN FD Controller with SPI Interface
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2517FD Datasheet(HTML) 44 Page - Microchip Technology

Back Button MCP2517FD Datasheet HTML 40Page - Microchip Technology MCP2517FD Datasheet HTML 41Page - Microchip Technology MCP2517FD Datasheet HTML 42Page - Microchip Technology MCP2517FD Datasheet HTML 43Page - Microchip Technology MCP2517FD Datasheet HTML 44Page - Microchip Technology MCP2517FD Datasheet HTML 45Page - Microchip Technology MCP2517FD Datasheet HTML 46Page - Microchip Technology MCP2517FD Datasheet HTML 47Page - Microchip Technology MCP2517FD Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 98 page
background image
MCP2517FD
DS20005688B-page 44
 2017-2018 Microchip Technology Inc.
REGISTER 3-22:
CiTEFCON – TRANSMIT EVENT FIFO CONTROL REGISTER
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
—FSIZE<4:0>( 1)
bit 31
bit 24
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 23
bit 16
U-0
U-0
U-0
U-0
U-0
S/HC-1
U-0
S/HC-0
—
—
—
—
—
FRESET
—UINC
bit 15
bit 8
U-0
U-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
TEFTSEN( 1)
—
TEFOVIE
TEFFIE
TEFHIE
TEFNEIE
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 31-29
Unimplemented:
Read as ‘0’
bit 28-24
FSIZE<4:0>:
FIFO Size bits( 1)
0_0000
= FIFO is 1 Message deep
0_0001
= FIFO is 2 Messages deep
0_0010
= FIFO is 3 Messages deep
...
1_1111
= FIFO is 32 Messages deep
bit 23-11
Unimplemented:
Read as ‘0’
bit 10
FRESET
: FIFO Reset bit
1
= FIFO will be reset when bit is set, cleared by hardware when FIFO was reset. The user should
wait for this bit to clear before taking any action.
0
= No effect
bit 9
Unimplemented:
Read as ‘0’
bit 8
UINC
: Increment Tail bit
When this bit is set, the FIFO tail will increment by a single message.
bit 7-6
Unimplemented:
Read as ‘0’
bit 5
TEFTSEN
: Transmit Event FIFO Time Stamp Enable bit( 1)
1
= Time Stamp objects in TEF
0
= Don’t Time Stamp objects in TEF
bit 4
Unimplemented:
Read as ‘0’
bit 3
TEFOVIE
: Transmit Event FIFO Overflow Interrupt Enable bit
1
= Interrupt enabled for overflow event
0
= Interrupt disabled for overflow event
bit 2
TEFFIE
: Transmit Event FIFO Full Interrupt Enable bit
1
= Interrupt enabled for FIFO full
0
= Interrupt disabled for FIFO full
Note 1:
These bits can only be modified in Configuration mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com