Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2517FD Datasheet(PDF) 46 Page - Microchip Technology

Part # MCP2517FD
Description  External CAN FD Controller with SPI Interface
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2517FD Datasheet(HTML) 46 Page - Microchip Technology

Back Button MCP2517FD Datasheet HTML 42Page - Microchip Technology MCP2517FD Datasheet HTML 43Page - Microchip Technology MCP2517FD Datasheet HTML 44Page - Microchip Technology MCP2517FD Datasheet HTML 45Page - Microchip Technology MCP2517FD Datasheet HTML 46Page - Microchip Technology MCP2517FD Datasheet HTML 47Page - Microchip Technology MCP2517FD Datasheet HTML 48Page - Microchip Technology MCP2517FD Datasheet HTML 49Page - Microchip Technology MCP2517FD Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 98 page
background image
MCP2517FD
DS20005688B-page 46
 2017-2018 Microchip Technology Inc.
REGISTER 3-23:
CiTEFSTA – TRANSMIT EVENT FIFO STATUS REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 31
bit 24
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 23
bit 16
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 15
bit 8
U-0
U-0
U-0
U-0
HS/C-0
R-0
R-0
R-0
—
—
—
—
TEFOVIF
TEFFIF( 1)
TEFHIF( 1)
TEFNEIF( 1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 31-4
Unimplemented:
Read as ‘0’
bit 3
TEFOVIF
: Transmit Event FIFO Overflow Interrupt Flag bit
1
= Overflow event has occurred
0
= No overflow event occurred
bit 2
TEFFIF
: Transmit Event FIFO Full Interrupt Flag bit( 1)
1
= FIFO is full
0
= FIFO is not full
bit 1
TEFHIF
: Transmit Event FIFO Half Full Interrupt Flag bit( 1)
1
= FIFO is ≥ half full
0
= FIFO is < half full
bit 0
TEFNEIF
: Transmit Event FIFO Not Empty Interrupt Flag bit( 1)
1
= FIFO is not empty, contains at least one message
0
= FIFO is empty
Note 1:
This bit is read only and reflects the status of the FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com