Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2517FD Datasheet(PDF) 52 Page - Microchip Technology

Part # MCP2517FD
Description  External CAN FD Controller with SPI Interface
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2517FD Datasheet(HTML) 52 Page - Microchip Technology

Back Button MCP2517FD Datasheet HTML 48Page - Microchip Technology MCP2517FD Datasheet HTML 49Page - Microchip Technology MCP2517FD Datasheet HTML 50Page - Microchip Technology MCP2517FD Datasheet HTML 51Page - Microchip Technology MCP2517FD Datasheet HTML 52Page - Microchip Technology MCP2517FD Datasheet HTML 53Page - Microchip Technology MCP2517FD Datasheet HTML 54Page - Microchip Technology MCP2517FD Datasheet HTML 55Page - Microchip Technology MCP2517FD Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 98 page
background image
MCP2517FD
DS20005688B-page 52
 2017-2018 Microchip Technology Inc.
REGISTER 3-28:
CiFIFOCONm – FIFO CONTROL REGISTER m, (m = 1 TO 31)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PLSIZE<2:0>( 1)
FSIZE<4:0>( 1)
bit 31
bit 24
U-0
R/W-1
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
TXAT<1:0>
TXPRI<4:0>
bit 23
bit 16
U-0
U-0
U-0
U-0
U-0
S/HC-1
R/W/HC-0
S/HC-0
—
—
—
—
—
FRESET( 3)
TXREQ( 2)
UINC
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
TXEN( 1)
RTREN
RXTSEN( 1)
TXATIE
RXOVIE
TFERFFIE
TFHRFHIE
TFNRFNIE
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 31-29
PLSIZE<2:0>:
Payload Size bits( 1)
000
= 8 data bytes
001
= 12 data bytes
010
= 16 data bytes
011
= 20 data bytes
100
= 24 data bytes
101
= 32 data bytes
110
= 48 data bytes
111
= 64 data bytes
bit 28-24
FSIZE<4:0>:
FIFO Size bits( 1)
0_0000
= FIFO is 1 Message deep
0_0001
= FIFO is 2 Messages deep
0_0010
= FIFO is 3 Messages deep
...
1_1111
= FIFO is 32 Messages deep
bit 23
Unimplemented:
Read as ‘0’
bit 22-21
TXAT<1:0>:
Retransmission Attempts bits
This feature is enabled when CiCON.RTXAT is set.
00
= Disable retransmission attempts
01
= Three retransmission attempts
10
= Unlimited number of retransmission attempts
11
= Unlimited number of retransmission attempts
bit 20-16
TXPRI<4:0>:
Message Transmit Priority bits
00000
= Lowest Message Priority
...
11111
= Highest Message Priority
Note 1:
These bits can only be modified in Configuration mode.
2:
This bit is updated when a message completes (or aborts) or when the FIFO is reset.
3:
FRESET is set while in Configuration mode and is automatically cleared in Normal mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com