Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2517FD Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP2517FD
Description  External CAN FD Controller with SPI Interface
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2517FD Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP2517FD Datasheet HTML 24Page - Microchip Technology MCP2517FD Datasheet HTML 25Page - Microchip Technology MCP2517FD Datasheet HTML 26Page - Microchip Technology MCP2517FD Datasheet HTML 27Page - Microchip Technology MCP2517FD Datasheet HTML 28Page - Microchip Technology MCP2517FD Datasheet HTML 29Page - Microchip Technology MCP2517FD Datasheet HTML 30Page - Microchip Technology MCP2517FD Datasheet HTML 31Page - Microchip Technology MCP2517FD Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 98 page
background image
MCP2517FD
DS20005688B-page 28
 2017-2018 Microchip Technology Inc.
REGISTER 3-8:
CiDBTCFG – DATA BIT TIME CONFIGURATION REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
BRP<7:0>
bit 31
bit 24
U-0
U-0
U-0
R/W-0
R/W-1
R/W-1
R/W-1
R/W-0
—
—
—
TSEG1<4:0>
bit 23
bit 16
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-1
R/W-1
—
—
—
—
TSEG2<3:0>
bit 15
bit 8
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-1
R/W-1
—
—
—
—
SJW<3:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 31-24
BRP<7:0>
: Baud Rate Prescaler bits
1111 1111
= TQ = 256/Fsys
...
0000 0000
= TQ = 1/Fsys
bit 23-21
Unimplemented
: Read as ‘0’
bit 20-16
TSEG1<4:0>
: Time Segment 1 bits (Propagation Segment + Phase Segment 1)
1 1111
= Length is 32 x TQ
...
0 0000
= Length is 1 x TQ
bit 15-12
Unimplemented
: Read as ‘0’
bit 11-8
TSEG2<3:0>
: Time Segment 2 bits (Phase Segment 2)
1111
= Length is 16 x TQ
...
0000
= Length is 1 x TQ
bit 7-4
Unimplemented
: Read as ‘0’
bit 3-0
SJW<3:0>
: Synchronization Jump Width bits
1111
= Length is 16 x TQ
...
0000
= Length is 1 x TQ
Note 1:
This register can only be modified in Configuration mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com