Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2517FD Datasheet(PDF) 63 Page - Microchip Technology

Part # MCP2517FD
Description  External CAN FD Controller with SPI Interface
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2517FD Datasheet(HTML) 63 Page - Microchip Technology

Back Button MCP2517FD Datasheet HTML 59Page - Microchip Technology MCP2517FD Datasheet HTML 60Page - Microchip Technology MCP2517FD Datasheet HTML 61Page - Microchip Technology MCP2517FD Datasheet HTML 62Page - Microchip Technology MCP2517FD Datasheet HTML 63Page - Microchip Technology MCP2517FD Datasheet HTML 64Page - Microchip Technology MCP2517FD Datasheet HTML 65Page - Microchip Technology MCP2517FD Datasheet HTML 66Page - Microchip Technology MCP2517FD Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 98 page
background image
 2017-2018 Microchip Technology Inc.
Draft
DS20005688B-page 63
MCP2517FD
3.3
Message Memory
The MCP2517FD contains a 2 KB RAM that is used to
store message objects. There are three different kinds
of message objects:
• Table 3-5: Transmit Message Objects used by the
TXQ and by TX FIFOs.
• Table 3-6: Receive Message Objects used by RX
FIFOs.
• Table 3-7: TEF objects.
Figure 3-2 illustrates how message objects are
mapped into RAM. The number of message objects for
the TEF, the TXQ, and for each FIFO is configurable.
Only the message objects for FIFO2 are shown in
detail. The number of data bytes per message object
(payload) is individually configurable for the TXQ and
each FIFO.
FIFOs and message objects can only be configured in
Configuration mode.
The TEF objects are allocated first. Space in RAM will
only be reserved if CiCON.STEF = 1.
Next the TXQ objects are allocated. Space in RAM will
only be reserved if CiCON.TXQEN = 1.
Next the message objects for FIFO1 through FIFO31
are allocated.
This highly flexible configuration results in an efficient
usage of the RAM.
The addresses of the message objects depend on the
selected configuration. The application doesn’t have to
calculate the addresses. The User Address field pro-
vides the address of the next message object to read
from or write to.
3.3.1
RAM ECC
The RAM is protected with an Error Correction Code
(ECC). The ECC logic supports Single Error Correc-
tion (SEC), and Double Error Detection (DED).
SEC/DED requires seven parity bits in addition to the
32 data bits.
Figure 3-3 shows the block diagram of the ECC logic.
3.3.1.1
ECC Enable and Disable
The
ECC
logic
can
be
enabled
by
setting
ECCCON.ECCEN. When ECC is enabled, the data
written to the RAM is encoded, and the data read from
RAM is decoded.
When the ECC logic is disabled, the data is written to
RAM, the parity bits are taken from ECCCON.PARITY.
This enables the testing of the ECC logic by the user.
During a read the parity bits are stripped out and the
data is read back unchanged.
3.3.1.2
RAM Write
During a RAM write, the Encoder calculates the parity
bits and adds the parity bits to the input data.
3.3.1.3
RAM READ
During a RAM read, the Decoder checks the output
data from RAM for consistency and removes the parity
bits. It corrects single bit errors and detects double bit
errors.
FIGURE 3-2:
MESSAGE MEMORY
ORGANIZATION
FIGURE 3-3:
ECC LOGIC
TEF
TX Queue
FIFO1
FIFO3
FIFO2: Message Object 0
FIFO2: Message Object 1
FIFO2: Message Object n
FIFO31
Encoder
Decoder
RAM 512x(32+7)
Write Data
D<31:0>
DE<38:0>
DR<38:0>
QR<38:0>
Read Data
Q<31:0>
ECCCON.ECCEN
ECCCON.ECCEN
ECCSTAT.SECIF
ECCSTAT.DEDIF
Data/Parity
P<6:0>
DP<38:0>
QR<31:0>
without Parity
ECC.PARITY
DO<31:0>
D<31:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com