Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2517FD Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP2517FD
Description  External CAN FD Controller with SPI Interface
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2517FD Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP2517FD Datasheet HTML 37Page - Microchip Technology MCP2517FD Datasheet HTML 38Page - Microchip Technology MCP2517FD Datasheet HTML 39Page - Microchip Technology MCP2517FD Datasheet HTML 40Page - Microchip Technology MCP2517FD Datasheet HTML 41Page - Microchip Technology MCP2517FD Datasheet HTML 42Page - Microchip Technology MCP2517FD Datasheet HTML 43Page - Microchip Technology MCP2517FD Datasheet HTML 44Page - Microchip Technology MCP2517FD Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 98 page
background image
 2017-2018 Microchip Technology Inc.
DS20005688B-page 41
MCP2517FD
REGISTER 3-19:
CiTREC – TRANSMIT/RECEIVE ERROR COUNT REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 31
bit 24
U-0
U-0
R-1
R-0
R-0
R-0
R-0
R-0
—
—
TXBO
TXBP
RXBP
TXWARN
RXWARN
EWARN
bit 23
bit 16
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
TEC<7:0>
bit 15
bit 8
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
REC<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 31-22
Unimplemented
: Read as ‘0’
bit 21
TXBO
: Transmitter in Bus Off State bit (TEC > 255)
In Configuration mode, TXBO is set, since the module is not on the bus.
bit 20
TXBP
: Transmitter in Error Passive State bit (TEC > 127)
bit 19
RXBP
: Receiver in Error Passive State bit (REC > 127)
bit 18
TXWARN
: Transmitter in Error Warning State bit (128 > TEC > 95)
bit 17
RXWARN
: Receiver in Error Warning State bit (128 > REC > 95)
bit 16
EWARN
: Transmitter or Receiver is in Error Warning State bit
bit 15-8
TEC<7:0>
: Transmit Error Counter bits
bit 7-0
REC<7:0>
: Receive Error Counter bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com