Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2517FD Datasheet(PDF) 73 Page - Microchip Technology

Part # MCP2517FD
Description  External CAN FD Controller with SPI Interface
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2517FD Datasheet(HTML) 73 Page - Microchip Technology

Back Button MCP2517FD Datasheet HTML 69Page - Microchip Technology MCP2517FD Datasheet HTML 70Page - Microchip Technology MCP2517FD Datasheet HTML 71Page - Microchip Technology MCP2517FD Datasheet HTML 72Page - Microchip Technology MCP2517FD Datasheet HTML 73Page - Microchip Technology MCP2517FD Datasheet HTML 74Page - Microchip Technology MCP2517FD Datasheet HTML 75Page - Microchip Technology MCP2517FD Datasheet HTML 76Page - Microchip Technology MCP2517FD Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 98 page
background image
 2017-2018 Microchip Technology Inc.
DS20005688B-page 73
MCP2517FD
5.0
OSCILLATOR
Figure 5-1 shows the block diagram of the oscillator in
the MCP2517FD. The oscillator system generates the
SYSCLK, which is used in the CAN FD Controller
Module and for RAM accesses. It is recommended by
the CAN FD community to use either a 40 or 20 MHz
SYSCLK.
The time reference for clock generation can be an
external 40, 20 or 4 MHz crystal, ceramic resonator or
external clock.
The OSC register controls the oscillator. The PLL can
be enabled to multiply the 4 MHz clock by 10.
The internal 40/20 MHz can be divided by two.
The internally generated clock can be divided and pro-
vided on the CLKO pin.
FIGURE 5-1:
MCP2517FD OSCILLATOR BLOCK DIAGRAM
OSC1
OSC2
PLLEN
OSCDIS
Divide
By 1, 2
SCLKDIV
SYSCLK
Divide
By 1, 2, 4, 10
CLKO
CLKODIV
PLL
x10
40/20 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com