Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3347CPTR Datasheet(PDF) 25 Page - Microchip Technology

Part # USB3347CPTR
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3347CPTR Datasheet(HTML) 25 Page - Microchip Technology

Back Button USB3347CPTR Datasheet HTML 21Page - Microchip Technology USB3347CPTR Datasheet HTML 22Page - Microchip Technology USB3347CPTR Datasheet HTML 23Page - Microchip Technology USB3347CPTR Datasheet HTML 24Page - Microchip Technology USB3347CPTR Datasheet HTML 25Page - Microchip Technology USB3347CPTR Datasheet HTML 26Page - Microchip Technology USB3347CPTR Datasheet HTML 27Page - Microchip Technology USB3347CPTR Datasheet HTML 28Page - Microchip Technology USB3347CPTR Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 92 page
background image
 2009-2018 Microchip Technology Inc.
DS00002646A-page 25
USB334x
5.1
ULPI Digital Operation and Interface
This section of the USB334x is covered in detail in Section 6.0, "ULPI Operation".
5.2
USB 2.0 Hi-Speed Transceiver
The blocks in the lower left-hand corner of interface to the DP/DM pins.
5.2.1
USB TRANSCEIVER
The USB334x transceiver includes a Universal Serial Bus Specification Rev 2.0 compliant receiver and transmitter. The
DP/DM signals in the USB cable connect directly to the receivers and transmitters.
The receiver consists of receivers for HS and FS/LS mode. Depending on the mode, the selected receiver provides the
serial data stream through the multiplexer to the RX Logic block. For HS mode support, the HS RX block contains a
squelch circuit to insure that noise is not interpreted as data. The RX block also includes a single-ended receiver on
each of the data lines to determine the correct FS linestate.
Data from the Link is encoded, bit stuffed, serialized and transmitted onto the USB cable by the transmitter. Separate
differential FS/LS and HS transmitters are included to support all modes.
The USB334x TX block meets the HS signaling level requirements in the USB 2.0 Specification when the PCB traces
from the DP and DM pins to the USB connector are correctly designed. In some systems the proper 90Ω differential
impedance can not be maintained and it may be desirable to compensate for loss by adjusting the HS transmitter ampli-
tude and this HS squelch threshold. The PHYBoost bits in the HS Compensation Register may be configured to adjust
the HS transmitter amplitude at the DP and DM pins. The VariSense bits in the HS Compensation Register can also be
used to lower the squelch threshold to compensate for losses on the PCB.
To ensure proper operation of the USB transceiver the settings of Table 5-1 must be followed.
FIGURE 5-2:
USB334X SYSTEM DIAGRAM (USB3343)
BIAS
Integrated
Low Jitter
PLL
RBIAS
DIR
NXT
STP
CLKOUT
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA0
DATA1
REFCLK / XI
VBAT
VDD33
VBUS
LDO
DP
DM
ID
ULPI Digitial
TX
RX
HS/FS/LS
TX Encoding
HS/FS/LS
RX Decoding
RESETB
IdGnd
IdFloat
Rid Value
SessEnd
SessValid
VbusValid
OVP
LDO
VDD18
VDD33
VDD33
VDD33
VDD33
Charger
Detection
VDDIO
XO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com