Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3347CPTR Datasheet(PDF) 50 Page - Microchip Technology

Part # USB3347CPTR
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3347CPTR Datasheet(HTML) 50 Page - Microchip Technology

Back Button USB3347CPTR Datasheet HTML 46Page - Microchip Technology USB3347CPTR Datasheet HTML 47Page - Microchip Technology USB3347CPTR Datasheet HTML 48Page - Microchip Technology USB3347CPTR Datasheet HTML 49Page - Microchip Technology USB3347CPTR Datasheet HTML 50Page - Microchip Technology USB3347CPTR Datasheet HTML 51Page - Microchip Technology USB3347CPTR Datasheet HTML 52Page - Microchip Technology USB3347CPTR Datasheet HTML 53Page - Microchip Technology USB3347CPTR Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 92 page
background image
USB334x
DS00002646A-page 50
2009-2018 Microchip Technology Inc.
Note 1: An ‘X’ is a do not care and can be either a logic 0 or 1.
2: The value of VbusValid is defined in Table 5-5.
6.3.1.1
Definition of Linestate
The Linestate information is used to relay information back to the Link on the current status of the USB data lines, DP
and DM. The definition of Linestate changes as the USB334x transitions between LS/FS mode, HS mode, and HS
Chirp.
6.3.1.1.1
LS/FS Linestate Definitions
In LS and FS operating modes the Linestate is defined by the outputs of the LS/FS Single Ended Receivers (SE RX).
The logic thresholds for single ended receivers, VILSE and VILSE are shown in Table 4-6.
TABLE 6-3:
ULPI RX CMD ENCODING
Data [7:0]
Name
Description and Value
[1:0]
Linestate
UTMI Linestate Signals. See Section 6.3.1.1, "Definition of Linestate," on page 50
[3:2]
Encoded
VBUS
State
ENCODED VBUS VOLTAGE STATES
VALUE
VBUS VOLTAGE
SESSEND
SESSVLD
VBUSVLD2
00
VVBUS < VSESS_END
10
0
01
VSESS_END < VVBUS <
VSESS_VLD
00
0
10
VSESS_VLD < VVBUS <
VVBUS_VLD
X1
0
11
VVBUS_VLD < VVBUS
XX
1
[5:4]
Rx Event
Encoding
ENCODED UTMI EVENT SIGNALS
VALUE
RXACTIVE
RXERROR
HOSTDISCONNECT
00
0
0
0
01
1
0
0
11
1
1
0
10
X
X
1
[6]
State of
ID pin
Set to the logic state of the ID pin. A logic low indicates an A device. A logic high
indicates a B device.
[7]
alt_int
Asserted when a non-USB interrupt occurs. This bit is set when an unmasked event
occurs on any bit in the Carkit Interrupt Latch register. The Link must read the Carkit
Interrupt Latch register to determine the source of the interrupt. Section 6.8, "RID
Converter Operation," on page 61 describes how an interrupt can be generated when
the RidConversionDone bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com