Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3347CPTR Datasheet(PDF) 59 Page - Microchip Technology

Part # USB3347CPTR
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3347CPTR Datasheet(HTML) 59 Page - Microchip Technology

Back Button USB3347CPTR Datasheet HTML 55Page - Microchip Technology USB3347CPTR Datasheet HTML 56Page - Microchip Technology USB3347CPTR Datasheet HTML 57Page - Microchip Technology USB3347CPTR Datasheet HTML 58Page - Microchip Technology USB3347CPTR Datasheet HTML 59Page - Microchip Technology USB3347CPTR Datasheet HTML 60Page - Microchip Technology USB3347CPTR Datasheet HTML 61Page - Microchip Technology USB3347CPTR Datasheet HTML 62Page - Microchip Technology USB3347CPTR Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 92 page
background image
2009-2018 Microchip Technology Inc.
DS00002646A-page 59
USB334x
In serial mode, interrupts are possible from unmasked sources. The state of each interrupt source is sampled prior to
the assertion of DIR and this is compared against the asynchronous level from interrupt source.
Exiting the serial modes is the same as exiting Low Power Mode. The Link must assert STP to signal the PHY to exit
serial mode. When the PHY can accept a command, DIR is de-asserted and the PHY will wait until the Link de-asserts
STP to resume synchronous ULPI operation. The RESETB pin can also be pulsed low to reset the USB334x and return
it to Synchronous Mode.
6.6.1
3-PIN FS/LS SERIAL MODE
Three pin serial mode utilizes the data bus pins for the serial functions shown in Table 6-8.
6.6.2
6-PIN FS/LS SERIAL MODE
Six pin serial mode utilizes the data bus pins for the serial functions shown in Table 6-9.
6.7
Carkit Mode
The USB334x includes Carkit Mode to support a USB UART and USB Audio Mode.
By entering Carkit Mode, the USB334x current drain is minimized. The internal PLL is disabled and the 60 MHz ULPI
CLKOUT will be stopped to conserve power by default. The Link may configure the 60 MHz clock to continue by setting
the ClockSuspendM bit of the Interface Control register before entering Carkit Mode. If set, the 60 MHz clock will con-
tinue during the Carkit Mode of operation.
TABLE 6-8:
PIN DEFINITIONS IN 3 PIN SERIAL MODE
Signal
Connected to
Direction
Description
tx_enable
DATA[0]
IN
Active High transmit enable.
data
DATA[1]
I/O
TX differential data on DP/DM when tx_enable is high.
RX differential data from DP/DM when tx_enable is low.
SE0
DATA[2]
I/O
TX SE0 on DP/DM when tx_enable is high.
RX SE0_b from DP/DM when tx_enable is low.
interrupt
DATA[3]
OUT
Asserted when any unmasked interrupt occurs. Active high.
Reserved
DATA[7:4]
OUT
Driven Low.
TABLE 6-9:
PIN DEFINITIONS IN 6 PIN SERIAL MODE
Signal
Connected to
Direction
Description
tx_enable
DATA[0]
IN
Active High transmit enable.
tx_data
DATA[1]
IN
Tx differential data on DP/DM when tx_enable is high.
tx_se0
DATA[2]
IN
Tx SE0 on DP/DM when tx_enable is high.
interrupt
DATA[3]
OUT
Asserted when any unmasked interrupt occurs. Active high.
rx_dp
DATA[4]
OUT
Single ended receive data on DP.
rx_dm
DATA[5]
OUT
Single ended receive data on DM.
rx_rcv
DATA[6]
OUT
Differential receive data from DP and DM.
Reserved
DATA[7]
OUT
Driven Low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com