Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3347CPTR Datasheet(PDF) 45 Page - Microchip Technology

Part # USB3347CPTR
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3347CPTR Datasheet(HTML) 45 Page - Microchip Technology

Back Button USB3347CPTR Datasheet HTML 41Page - Microchip Technology USB3347CPTR Datasheet HTML 42Page - Microchip Technology USB3347CPTR Datasheet HTML 43Page - Microchip Technology USB3347CPTR Datasheet HTML 44Page - Microchip Technology USB3347CPTR Datasheet HTML 45Page - Microchip Technology USB3347CPTR Datasheet HTML 46Page - Microchip Technology USB3347CPTR Datasheet HTML 47Page - Microchip Technology USB3347CPTR Datasheet HTML 48Page - Microchip Technology USB3347CPTR Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 92 page
background image
2009-2018 Microchip Technology Inc.
DS00002646A-page 45
USB334x
6.2.2
ULPI REGISTER WRITE
A ULPI register write operation is given in Figure 6-3. The TX command with a register write DATA[7:6] = 10b is driven
by the Link at T0. The register address is encoded into DATA[5:0] of the TX CMD byte.
To write a register, the Link will wait until DIR is low, and at T0, drive the TX CMD on the data bus. At T2 the PHY will
drive NXT high. On the next rising clock edge, T3, the Link will write the register data. At T4, the PHY will accept the
register data and drive NXT low. The Link will drive an Idle on the bus and drive STP high to signal the end of the data
packet. Finally, at T5, the PHY will latch the data into the register and the Link will pull STP low.
TABLE 6-2:
ULPI TX CMD BYTE ENCODING
Command Name
CMD Bits[7:6]
CMD Bits[5:0]
Command Description
Idle
00b
000000b
ULPI Idle
Transmit
01b
000000b
USB Transmit Packet with No Packet Identifier
(NOPID)
00XXXXb
USB Transmit Packet Identifier (PID) where DATA[3:0]
is equal to the 4-bit PID. P3P2P1P0 where P3 is the
MSB.
Register Write
10b
XXXXXXb
Immediate Register Write Command where:
DATA[5:0] = 6-bit register address
101111b
Extended Register Write Command where the 8-bit
register address is available on the next cycle.
Register Read
11b
XXXXXXb
Immediate Register Read Command where:
DATA[5:0] = 6-bit register address
101111b
Extended Register Read Command where the 8-bit
register address is available on the next cycle.
FIGURE 6-3:
ULPI REGISTER WRITE IN SYNCHRONOUS MODE
DIR
CLK
DATA[7:0]
STP
NXT
TXD CMD
(reg write)
Idle
Reg Data[n]
Idle
ULPI Register
Reg Data [n-1]
Reg Data [n]
T0
T1
T2
T3
T5
T4
T6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com