Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3347CPTR Datasheet(PDF) 35 Page - Microchip Technology

Part # USB3347CPTR
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3347CPTR Datasheet(HTML) 35 Page - Microchip Technology

Back Button USB3347CPTR Datasheet HTML 31Page - Microchip Technology USB3347CPTR Datasheet HTML 32Page - Microchip Technology USB3347CPTR Datasheet HTML 33Page - Microchip Technology USB3347CPTR Datasheet HTML 34Page - Microchip Technology USB3347CPTR Datasheet HTML 35Page - Microchip Technology USB3347CPTR Datasheet HTML 36Page - Microchip Technology USB3347CPTR Datasheet HTML 37Page - Microchip Technology USB3347CPTR Datasheet HTML 38Page - Microchip Technology USB3347CPTR Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 92 page
background image
2009-2018 Microchip Technology Inc.
DS00002646A-page 35
USB334x
5.7.2
VBUS MONITORING AND VBUS PULSING
The USB334x includes all of the VBUS comparators required for OTG. The VBUSVld, SessVld, and SessEnd compar-
ators shown in Figure 5-8 are fully integrated into the USB334x. These comparators are used to monitor changes in the
VBUS voltage, and the state of each comparator can be read from the USB Interrupt Status register.
The VbusVld comparator is used by the Link, when configured as an A device, to ensure that the VBUS voltage on the
cable is valid. The SessVld comparator is used by the Link when configured as both an A or B device to indicate a ses-
sion is requested or valid. Finally the SessEnd comparator is used by the B-device to indicate a USB session has ended.
Also included in the VBUS Monitor and Pulsing block are the resistors used for VBUS pulsing in SRP. The resistors used
for VBUS pulsing include a pull-down to ground and a pull-up to VDD33.
In some applications, voltages much greater than 5.5V may be present at the VBUS pin of the USB connector. The
USB334x includes an over voltage protection circuit that protects the VBUS pin of the USB334x from excessive voltages
as shown in Figure 5-8.
5.7.2.1
SessEnd Comparator
The SessEnd comparator is used during the Session Request Protocol (SRP). The comparator is used by the B-device
to detect when a USB session has ended and it is safe to start Vbus Pulsing to request a USB session from the A-device.
When VBUS goes below the threshold in Table 4-8, the USB session is considered to be ended, and SessEnd will tran-
sition from 0 to 1. The SessEnd comparator can be disabled by clearing this bit in both the USB Interrupt Enable Rising
and USB Interrupt Enable Falling registers. When disabled, the SessEnd bit in the USB Interrupt Status register will read
0.
Note:
The IdGnd switch has been provided to ground the ID pin for future applications.
FIGURE 5-8:
USB334X OTG VBUS BLOCK
VbusValid
SessValid
SessEnd
DischrgVbus
0.5V
1.4V
4.575V
VBUS
VDD33
MCHP PHY
To USB Con.
SessEnd Rise or
SessEnd Fall
VbusValid Rise or
VbusValid Fall
RXCMD VbusValid
IndicatorComplement
[UseExternalVbusindicator, IndicatorPassThru]
[0, X]
[1, 0]
[1, 1]
EXTVBUS (logic 1)
ChrgVbus
VBUS
Overvoltage
Protection
RVBUS
en
en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com